Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW273M80V35X30F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLRW273M80V35X30F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW273M80V35X30F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLRW273M80V35X30F Datasheet HTML 1Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 2Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 3Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 4Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 5Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 6Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 7Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 8Page - NIC-Components Corp. NRLRW273M80V35X30F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
169
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
W.V.
(Vdc)
Cap.
(
µF)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
25
4,700
20x25
0.159
0.123
1.65
1.89
5,600
20x30
0.134
0.103
1.85
2.12
22x25
0.134
0.103
1.85
2.12
6,800
20x35
0.110
0.085
2.11
2.42
22x30
0.110
0.085
2.11
2.42
8,200
20x40
0.091
0.070
2.34
2.69
22x30
0.091
0.070
2.34
2.69
25x25
0.091
0.070
2.34
2.69
10,000
22x35
0.075
0.058
2.65
3.04
25x30
0.075
0.058
2.65
3.04
12,000
22x40
0.063
0.048
2.81
3.23
25x30
0.063
0.048
2.81
3.23
30x25
0.063
0.048
2.81
3.23
15,000
22x45
0.050
0.039
3.13
3.59
25x35
0.050
0.039
3.13
3.59
30x30
0.050
0.039
3.13
3.59
18,000
25x40
0.042
0.032
3.56
4.09
30x30
0.042
0.032
3.56
4.09
22,000
25x50
0.034
0.027
4.04
4.64
30x35
0.034
0.027
4.04
4.64
35x30
0.034
0.027
4.04
4.64
27,000
30x40
0.028
0.022
4.74
5.45
35x35
0.028
0.022
4.74
5.45
33,000
30x50
0.023
0.018
5.50
6.32
35x40
0.023
0.018
5.50
6.32
39,000
35x45
0.020
0.015
5.80
6.67
47,000
35x50
0.016
0.013
6.30
7.24
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
35
2,700
20x25
0.246
0.189
1.29
1.48
3,300
20x30
0.201
0.155
1.57
1.80
3,900
20x30
0.171
0.131
1.78
2.04
22x25
0.171
0.131
1.78
2.04
4,700
20x35
0.142
0.109
2.02
2.32
22x30
0.142
0.109
2.02
2.32
5,600
20x40
0.119
0.092
2.13
2.44
22x35
0.119
0.092
2.13
2.44
25x25
0.119
0.092
2.13
2.44
6,800
22x40
0.098
0.076
2.41
2.77
25x30
0.098
0.076
2.41
2.77
8,200
22x45
0.081
0.063
2.85
3.27
25x35
0.081
0.063
2.85
3.27
30x25
0.081
0.063
2.85
3.27
10,000
22x50
0.067
0.052
3.05
3.50
25x40
0.067
0.052
3.05
3.50
30x30
0.067
0.052
3.05
3.50
12,000
25x45
0.056
0.043
3.37
3.87
30x35
0.056
0.043
3.37
3.87
35x30
0.056
0.043
3.37
3.87
15,000
25x50
0.045
0.035
3.72
4.27
30x40
0.045
0.035
3.72
4.27
35x35
0.045
0.035
3.72
4.27
18,000
30x45
0.037
0.029
4.37
5.02
35x35
0.037
0.029
4.37
5.02
22,000
30x50
0.031
0.024
4.92
5.65
35x40
0.031
0.024
4.92
5.65
27,000
35x50
0.025
0.019
5.30
6.09


Similar Part No. - NRLRW273M80V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW273M10V22X50SF NIC-NRLRW273M10V22X50SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M10V25X40SF NIC-NRLRW273M10V25X40SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M10V30X30SF NIC-NRLRW273M10V30X30SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M16V22X50SF NIC-NRLRW273M16V22X50SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M16V25X40SF NIC-NRLRW273M16V25X40SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW273M80V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com