Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW393M50V35X30F Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NRLRW393M50V35X30F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW393M50V35X30F Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NRLRW393M50V35X30F Datasheet HTML 3Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 4Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 5Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 6Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 7Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 8Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 9Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 10Page - NIC-Components Corp. NRLRW393M50V35X30F Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
175
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
(Vdc)
Cap.
(
µF)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
315
390
25x45
0.638
0.491
1.40
1.96
30x35
0.638
0.491
1.47
2.05
35x30
0.638
0.491
1.47
2.05
470
30x40
0.530
0.408
1.70
2.38
35x30
0.530
0.408
1.70
2.38
560
30x45
0.445
0.342
2.05
2.87
35x35
0.445
0.342
1.90
2.66
680
30x50
0.366
0.282
2.14
2.99
35x40
0.366
0.282
2.17
3.03
820
35x45
0.304
0.234
2.20
3.08
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
350
68
20x25
3.658
2.814
0.47
0.65
82
20x30
3.033
2.333
0.55
0.77
100
20x30
2.487
1.913
0.60
0.84
22x25
2.487
1.913
0.69
0.96
120
20x35
2.073
1.595
0.70
0.98
22x30
2.073
1.595
0.75
1.05
25x25
2.073
1.595
0.75
1.05
150
20x40
1.658
1.276
0.78
1.09
22x35
1.658
1.276
0.82
1.14
25x30
1.658
1.276
0.83
1.16
180
20x45
1.382
1.063
0.88
1.23
22x40
1.382
1.063
0.92
1.28
25x30
1.382
1.063
0.92
1.28
30x25
1.382
1.063
0.92
1.28
220
22x45
1.131
0.870
1.05
1.47
25x35
1.131
0.870
1.05
1.47
30x30
1.131
0.870
1.02
1.42
270
22x50
0.922
0.709
1.18
1.65
25x40
0.922
0.709
1.18
1.65
30x30
0.922
0.709
1.18
1.65
35x25
0.922
0.709
1.20
1.68
330
25x45
0.754
0.580
1.30
1.82
30x35
0.754
0.580
1.35
1.89
35x30
0.754
0.580
1.22
1.70
390
25x50
0.638
0.491
1.45
2.03
30x40
0.638
0.491
1.52
2.12
35x35
0.638
0.491
1.48
2.07
470
30x45
0.530
0.408
1.65
2.31
35x35
0.530
0.408
1.70
2.38
560
30x50
0.445
0.342
1.85
2.59
35x40
0.445
0.342
1.90
2.66
680
35x45
0.366
0.282
2.00
2.80
385
56
20x25
4.441
3.416
0.42
0.58
68
20x30
3.658
2.814
0.47
0.65
22x25
3.658
2.814
0.49
0.68
82
20x30
3.033
2.333
0.52
0.72
22x25
3.033
2.333
0.55
0.77
100
20x35
2.487
1.913
0.60
0.84
22x30
2.487
1.913
0.66
0.92
25x25
2.487
1.913
0.66
0.92
120
20x40
2.073
1.595
0.68
0.95
22x35
2.073
1.595
0.71
0.99
25x25
2.073
1.595
0.71
0.99
150
22x40
1.658
1.276
0.83
1.16
25x30
1.658
1.276
0.83
1.16
30x25
1.658
1.276
0.77
1.07
385Vdc continued on next page


Similar Part No. - NRLRW393M50V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW393M10V30X40SF NIC-NRLRW393M10V30X40SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW393M10V35X35SF NIC-NRLRW393M10V35X35SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW393M16V25X50SF NIC-NRLRW393M16V25X50SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW393M16V30X40SF NIC-NRLRW393M16V30X40SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW393M16V35X35SF NIC-NRLRW393M16V35X35SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW393M50V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com