Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRB-XS121M220V16X35F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRB-XS121M220V16X35F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS121M220V16X35F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRB-XS121M220V16X35F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS121M220V16X35F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
72
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
73
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Cap. (
µF)
Code
Working Voltage (Vdc)
200
220
250
400
420
450
33
330
-
-
-
-
-
12.5x30
39
390
-
-
-
-
12.5x30
12.5x35
47
470
-
-
-
12.5x30
12.5x35
2.5x40
16x25
56
560
-
-
-
12.5x35
12.5x40
16x30
16x25
68
680
-
-
-
12.5x40
16x30
16x35
16x25
18x25
82
820
-
-
-
16x30
16x35
16x40
18x25
18x25
18x30
100
101
-
-
12.5x30
16x35
16x40
18x35
18x30
18x30
120
121
-
12.5x30
12.5x35
16x40
18x35
18x40
16x25
18x35
150
151
12.5x30
12.5x35
12.5x40
18x40
18x40
18x45
16x25
16x30
180
181
12.5x35
16x30
16x30
18x45
-
-
16x25
18x25
220
221
16x30
16x30
16x35
-
-
-
18x25
18x25
18x30
270
271
16x35
16x35
16x40
-
-
-
18x30
18x30
18x35
330
331
16x40
18x35
18x40
-
-
-
18x30
390
391
18x35
18x40
18x45
-
-
-
470
471
18x40
18x45
-
-
-
-
560
561
18x45
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Case Dia. (D
Case Dia. (D
Case Dia. (D
φφφφ)))
12.5 16
18
Lead Dia. (D
Lead Dia. (D
φφ))
0.6 0.8 0.8
Lead Spacing (F)
Lead Spacing (F) 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5
Dim.
ββ
2.5 2.5 2.5
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series


Similar Part No. - NRB-XS121M220V16X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS121M250V18X20F NIC-NRB-XS121M250V18X20F Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS121M220V16X35F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com