Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-007690-DR002 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MADR-007690-DR002
Description  Quad Bias Driver for GaAs FET and PIN Diode Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADR-007690-DR002 Datasheet(HTML) 5 Page - Tyco Electronics

  MADR-007690-DR002 Datasheet HTML 1Page - Tyco Electronics MADR-007690-DR002 Datasheet HTML 2Page - Tyco Electronics MADR-007690-DR002 Datasheet HTML 3Page - Tyco Electronics MADR-007690-DR002 Datasheet HTML 4Page - Tyco Electronics MADR-007690-DR002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Quad Bias Driver for GaAs FET and PIN Diode Switches
MADRMA0001 & 2
MADR-007690-DR0002
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
5
Application Information
The input logic voltage (V in) cannot exceed the positive supply (Vcc) by more than 0.5 V nor go be-
low GND by more than 0.5 V.
The input current should not exceed ± 25 mA.
This device should be treated as any TTL CMOS circuit. Pull-up/down resistors should tie to Vcc or
GND. Non-used inputs must be tied to GND. Decoupling caps (0.1 uF) should be used on Vcc and
Vee, and the output current should be limited to ± 40 mA.
Logic “0” sets J0 to J1 to low loss state
Limiting Resistors (R2, R3) set for +/- 20 mA output current
The value of the limiting resistors (R2, R3) is determined by the following: R1 = [(Vcc - Vdiode)/I de-
sired] - Rout
Driving FET Switches:
Driving PIN Diode Switches:


Similar Part No. - MADR-007690-DR002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-007097 MA-COM-MADR-007097 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
logo
Tyco Electronics
MADR-007097-000100 MACOM-MADR-007097-000100 Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
More results

Similar Description - MADR-007690-DR002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190_15 Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
170Kb / 9P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001 Datasheet
217Kb / 2P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com