Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPDRX002S Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MPDRX002S
Description  DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDRX002S Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MPDRX002S Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDRX002S Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDRX002S Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Supplies
11
DC-DC Converters
Digital Equipment and OA Equipment
o Specification
Part Number
Input Voltage
(V)
MPD0S001S
3.0 to 3.6
Output 1
5V/0.12A
Output 2
Shape
SIP
Dimensions (mm)
HgLgT
13g26g7
MPD5S021S
4.5 to 16.0
3.3V/3A
SIP
21g50g14
MPD5S018S
4.5 to 5.5
15.4V/0.6A (*1)
SIP
17g50g14
MPD6S019S
4.5 to 5.5
SIP
30g28g11
MPD3S010S
11.4 to 12.6
3.4V/1.2A
SIP
16g50g11
MPD6S001S
11.4 to 12.6
9V/1.2A
SIP
16g50g11
MPD4S007S
16 to 18
3.3V/1.1A
1.845V/0.5A
SIP
23g33.5g10
MPD6S012S
3.0 to 5.5
1.1 to 3.6V variable/3A
MPD6L002S
3.0 to 5.5
1.1 to 3.6V variable/3A
1.1 to 3.6V variable/4.5A
1.8 to 3.6V variable/1A
SIP
21g21g9
SMD
8g32.4g23.7
*1 Derating needs more than 60
°C.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - MPDRX002S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDRX301S MURATA1-MPDRX301S Datasheet
631Kb / 24P
   DC-DC Converter
2016.7.21
MPDRX302S MURATA1-MPDRX302S Datasheet
631Kb / 24P
   DC-DC Converter
2016.7.21
MPDRX303S MURATA1-MPDRX303S Datasheet
715Kb / 24P
   DC-DC Converter
2016.7.21
MPDRX304S MURATA1-MPDRX304S Datasheet
715Kb / 24P
   DC-DC Converter
2016.7.21
MPDRX307S MURATA1-MPDRX307S Datasheet
820Kb / 25P
   DC-DC Converter
2017.1.7
More results

Similar Description - MPDRX002S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com