Part Name
         Description
MACPCT0014

 8dB Directional coupler 50 Ohms 50 - 870 MHz ( 4 Page)


MACOM
100% 
Zoom Out Zoom In
   
 4 page
background image
4
Function
Pin No.
Input
1
Coupled
3
Output
6
Isolated (external 50 Ohms)
4
Ground
2&5
Functional Schematic
Pin Configuration
Broadband CATV 8dB Directional Coupler
MACPCT0014
M/A-COM Inc. and it’s affiliates reserve the right to make changes to the product(s)
Or information contained herein without notice
Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883
! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298
! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300
1
2
3
4
6



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MACP-008249-CH09B017dB Directional Coupler 5-120 MHz 1 2 3 Tyco Electronics
MAAMSS0040Low Noise CATV Amplifier 50 - 870 MHz 1 2 3 4 Tyco Electronics
CH-13220dB Bi-Directional Coupler 1-1000 MHz 1 2 Tyco Electronics
MACP-008248-CH067017dB Coupler 5-870 MHz 1 2 3 Tyco Electronics
MC-7883870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER 1 2 3 4 5 MoreCalifornia Eastern Labs
ELDC-8E-Series 75Ohm Coupler 5-1000 MHz 1 2 Tyco Electronics
MC-7831_1870 MHz CATV 18 dB PUSH-PULL AMPLIFIER 1 2 3 4 5 MoreCalifornia Eastern Labs
MAFLES0102CATV Diplexer 5 - 870 MHz 1 2 Tyco Electronics
EMDC-10-1_1E-Series Coupler 5-1000 MHz 1 2 Tyco Electronics
MACP-008764-CH037075 Ohm Coupler 5-1000 MHz 1 2 3 Tyco Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl