Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIP3201-A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP3201-A
Description  PowerMOS transistor TOPFET high side switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3201-A Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP3201-A Datasheet HTML 1Page - NXP Semiconductors PIP3201-A Datasheet HTML 2Page - NXP Semiconductors PIP3201-A Datasheet HTML 3Page - NXP Semiconductors PIP3201-A Datasheet HTML 4Page - NXP Semiconductors PIP3201-A Datasheet HTML 5Page - NXP Semiconductors PIP3201-A Datasheet HTML 6Page - NXP Semiconductors PIP3201-A Datasheet HTML 7Page - NXP Semiconductors PIP3201-A Datasheet HTML 8Page - NXP Semiconductors PIP3201-A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product data
PowerMOS transistor
PIP3201-A
TOPFET high side switch
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
BG
Continuous supply voltage
0
50
V
I
L
Continuous load current
T
mb ≤ 95˚C
-
20
A
P
D
Total power dissipation
T
mb ≤ 25˚C
-
67
W
T
stg
Storage temperature
-55
175
˚C
T
j
Continuous junction temperature
1
-
150
˚C
T
sold
Lead temperature
during soldering
-
260
˚C
Reverse battery voltages
2
-V
BG
Continuous reverse voltage
-
16
V
-V
BG
Peak reverse voltage
-
32
V
Application information
R
I, RS
External resistors
3
to limit input, status currents
3.2
-
k
Input and status
I
I, IS
Continuous currents
-5
5
mA
I
I, IS
Repetitive peak currents
δ ≤ 0.1, tp = 300 µs
-50
50
mA
Inductive load clamping
I
L = 10 A, VBG = 16 V
E
BL
Non-repetitive clamping energy
T
j = 150˚C prior to turn-off
-
150
mJ
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
4
R
th j-mb
Junction to mounting base
-
-
1.52
1.86
K/W
R
th j-a
Junction to ambient
in free air
-
60
75
K/W
1 For normal continuous operation. A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates
to protect the switch.
2 Reverse battery voltage is allowed only with external resistors to limit the input and status currents to a safe value. The connected load must
limit the reverse load current. The internal ground resistor limits the reverse battery ground current. Power is dissipated and the T
j
rating must be observed.
3 To limit currents during reverse battery and transient overvoltages (positive or negative).
4 Of the output power MOS transistor.
May 2001
2
Rev 1.010


Similar Part No. - PIP3201-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
   TOPFET high side switch SMD version
October 2001-Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results

Similar Description - PIP3201-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK219-50Y PHILIPS-BUK219-50Y Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001-Rev 2.000
BUK203-50X PHILIPS-BUK203-50X Datasheet
123Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 1 Rev 1.100
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK202-50Y PHILIPS-BUK202-50Y Datasheet
122Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
BUK223-50Y PHILIPS-BUK223-50Y Datasheet
52Kb / 8P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK210-50Y PHILIPS-BUK210-50Y Datasheet
197Kb / 13P
   PowerMOS transistor TOPFET high side switch
November 2002-Rev 2.000
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
   PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com