Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-008354-CF4A40 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABA-008354-CF4A40
Description  4:1 step down Flux Coupled Transformer 5-200MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABA-008354-CF4A40 Datasheet(HTML) 2 Page - Tyco Electronics

  MABA-008354-CF4A40 Datasheet HTML 1Page - Tyco Electronics MABA-008354-CF4A40 Datasheet HTML 2Page - Tyco Electronics MABA-008354-CF4A40 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4:1 step down Flux Coupled Transformer
5-200MHz
MABA-008354-CF4A40
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 75Ω
1
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
5 - 35 MHz
35 - 85 MHz
85-200 MHz
dB
dB
dB
-
-
-
0.8
1.1
2.2
1.1
1.6
3.6
Amplitude Balance
5 - 85 MHz
85 - 200 MHz
dB
dB
-
-
± 0.01
± 0.09
± 0.4
± 0.8
Phase Balance
5 - 85 MHz
85 - 200 MHz
º
º
-
-
± 0.2
± 0.4
± 4
± 5
Input Return Loss
5 - 35 MHz
35 - 85 MHz
85 - 200 MHz
dB
dB
dB
15
10
5
19
13
8
-
-
-
Recommended PCB Configuration
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Max RF Power
1W
Max DC current
250mA per arm
Operating Temperature
-40°C to +60°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MABA-008354-CF4A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008354-CF4A40 MA-COM-MABA-008354-CF4A40 Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer 5-200MHz
MABA-008354-CF4A40 MA-COM-MABA-008354-CF4A40 Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
MABA-008354-CF4A40[1] MA-COM-MABA-008354-CF4A40[1] Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
More results

Similar Description - MABA-008354-CF4A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008354-CF4A40 MA-COM-MABA-008354-CF4A40 Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer 5-200MHz
logo
Tyco Electronics
MABA-008260-CF4A40 MACOM-MABA-008260-CF4A40 Datasheet
67Kb / 3P
   4:1 flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
   4:1 flux Coupled Transformer 5-200MHz
logo
Tyco Electronics
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
   4:1 RF Flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABA-008482-CF1A40 MA-COM-MABA-008482-CF1A40 Datasheet
97Kb / 3P
   1.78:1 step up flux coupled transformer 5 - 200MHz
MABA-008354-CF4A40 MA-COM-MABA-008354-CF4A40 Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
MABA-008354-CF4A40[1] MA-COM-MABA-008354-CF4A40[1] Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
MABACT0068 MA-COM-MABACT0068 Datasheet
82Kb / 3P
   2:1 Flux Coupled Transformer 5-200MHz
MABACT0048 MA-COM-MABACT0048 Datasheet
78Kb / 3P
   2:1 Flux Coupled Transformer 5-200MHz
logo
Tyco Electronics
MABACT0048 MACOM-MABACT0048 Datasheet
77Kb / 3P
   2:1 Flux Coupled Transformer 5-200MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com