Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAVSS0001TR-3000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAVSS0001TR-3000
Description  2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAVSS0001TR-3000 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAVSS0001TR-3000 Datasheet HTML 1Page - Tyco Electronics MAAVSS0001TR-3000 Datasheet HTML 2Page - Tyco Electronics MAAVSS0001TR-3000 Datasheet HTML 3Page - Tyco Electronics MAAVSS0001TR-3000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.25 V Voltage Variable Absorptive Attenuator, 42 dB
1.8 - 2.5 GHz
MAAVSS0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
-8
-6
-4
-2
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.8 GHz
2.1 GHz
2.4 Ghz
Control Voltage (Volts)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Control Voltage (Volts)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.8 GHz
2.1 GHz
2.4 GHz
Control Voltage (Volts)
Typical Performance Curves
Typical Device Variation, 2.4 GHz
Attenuation vs. Control Voltage @ +25°C
Attenuation vs. Frequency @ 0.0 V Control Voltage
Return Loss vs. Control Voltage
Insertion Loss Delta Normalized to +25°C (-40°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
Insertion Loss vs. Frequency
@ 2.25 V Control Voltage
0
10
20
30
40
50
60
0.51.0
1.52.0
2.53.0
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
1.8 GHz
2.1 GHz
2.4 GHz
Control Voltage (Volts)


Similar Part No. - MAAVSS0001TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0001TR-3000 MA-COM-MAAVSS0001TR-3000 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
MAAVSS0001TR-3000 MA-COM-MAAVSS0001TR-3000 Datasheet
702Kb / 6P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB
More results

Similar Description - MAAVSS0001TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
AT-119 MA-COM-AT-119 Datasheet
108Kb / 5P
   2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
MAAVSS0001 MA-COM-MAAVSS0001_15 Datasheet
702Kb / 6P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB
logo
Tyco Electronics
AT-119 MACOM-AT-119_1 Datasheet
226Kb / 4P
   2.25 Volt Variable Absorptive Attenuator, 42dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
AT-119 MACOM-AT-119 Datasheet
135Kb / 4P
   2.25 Volt Voltage Variable Absorptive Attenuator - 40 dB, 1.8.2.5 GHz
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com