Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIP3117-B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP3117-B
Description  Logic level TOPFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3117-B Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP3117-B Datasheet HTML 1Page - NXP Semiconductors PIP3117-B Datasheet HTML 2Page - NXP Semiconductors PIP3117-B Datasheet HTML 3Page - NXP Semiconductors PIP3117-B Datasheet HTML 4Page - NXP Semiconductors PIP3117-B Datasheet HTML 5Page - NXP Semiconductors PIP3117-B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
PIP3117-B
OUTPUT CHARACTERISTICS
Limits are for -40˚C
≤ T
mb ≤ 150˚C; typicals are for Tmb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Off-state
V
IS = 0 V
V
(CL)DSS
Drain-source clamping voltage
I
D = 10 mA
50
-
-
V
I
DM = 2 A; tp ≤ 300 µs; δ ≤ 0.01
50
60
70
V
I
DSS
Drain source leakage current
V
DS = 40 V
-
-
100
µA
T
mb = 25 ˚C
-
0.1
10
µA
On-state
I
DM = 6 A; tp ≤ 300 µs; δ ≤ 0.01
R
DS(ON)
Drain-source resistance
V
IS ≥ 4.4 V
-
-
95
m
T
mb = 25 ˚C
-
36
50
m
V
IS ≥ 4 V
-
-
100
m
T
mb = 25 ˚C
-
39
55
m
OVERLOAD CHARACTERISTICS
-40˚C
≤ T
mb ≤ 150˚C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Short circuit load
V
DS = 13 V
I
D
Drain current limiting
V
IS = 5 V;
T
mb = 25˚C
16
24
32
A
4.4 V
≤ V
IS ≤ 5.5 V
12
-
36
A
4 V
≤ V
IS ≤ 5.5 V
8
-
36
A
Overload protection
V
IS = 5 V;Tmb = 25˚C
P
D(TO)
Overload power threshold
device trips if P
D > PD(TO)
40
120
160
W
T
DSC
Characteristic time
which determines trip time
1
200
350
600
µs
Overtemperature protection
T
j(TO)
Threshold junction
150
170
-
˚C
temperature
2
1 Trip time t
d sc varies with overload dissipation PD according to the formula td sc ≈ TDSC / ln[ PD / PD(TO) ].
2 This is independent of the dV/dt of input voltage V
IS.
May 2001
3
Rev 1.000


Similar Part No. - PIP3117-B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3115-B PHILIPS-PIP3115-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
PIP3118-B PHILIPS-PIP3118-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
PIP3119-P PHILIPS-PIP3119-P Datasheet
31Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
More results

Similar Description - PIP3117-B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3119-P PHILIPS-PIP3119-P Datasheet
31Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
logo
Guangdong Kexin Industr...
KUK129-50DL KEXIN-KUK129-50DL Datasheet
58Kb / 2P
   Logic level TOPFET
logo
NXP Semiconductors
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
   Logic level TOPFET
September 1996 Rev 1.000
PIP3115-B PHILIPS-PIP3115-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
BUK135-50L NXP-BUK135-50L Datasheet
168Kb / 13P
   Logic level TOPFET
July 2002 Rev 1.100
PIP3102-R PHILIPS-PIP3102-R Datasheet
162Kb / 13P
   LOGIC LEVEL TOPFET
October 2002-Rev 1.000
PIP3105-P PHILIPS-PIP3105-P Datasheet
33Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
BUK119-50DL PHILIPS-BUK119-50DL Datasheet
47Kb / 6P
   Logic level TOPFET
May 2001-Rev 1.900
PIP3107-D PHILIPS-PIP3107-D Datasheet
39Kb / 6P
   Logic level TOPFET
October 2001-Rev 1.000
logo
Guangdong Kexin Industr...
KUK130-50DL KEXIN-KUK130-50DL Datasheet
56Kb / 2P
   Logic level TOPFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com