Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BL-1CRB-A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4BL-1CRB-A
Description  Guard Lock Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BL-1CRB-A Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4BL-1CRB-A Datasheet HTML 1Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 2Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 3Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 4Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 5Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 6Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 7Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 8Page - Omron Electronics LLC D4BL-1CRB-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
D-139
D4BL
Solenoid Coil Characteristics
Indicator Characteristics
Contact Form (Diagrams Show State with Key Inserted and Lock Engaged)
Note: The EN-approved direct opening mechanism is indicated by
on the switch.
Item
24-VDC mechanical lock models 110-VAC mechanical lock models
24-VAC solenoid lock models
Rated operating voltage
24 VDC +10%/
–15% (100% ED)
110 VAC ±10% (50/60 Hz)
24 VDC +10%/
–15% (100% ED)
Current consumption
Approx. 300 mA
Approx. 98 mA
Approx. 300 mA
Insulation
Class F (130°C or less)
Item
LED
Rated voltage
10 to 115 VAC/VDC
Current leakage
Approx. 1 mA
Color (LED)
Orange, green
Model
Contact
Diagram
Remarks
D4BL-#C##-#
1NC/
1NO+1NC
o
D4BL-#D##-#
2NC+1NC
31
32
11
12
24
23
Stroke
ON
Lock position
Operation Key
insertion comple-
tion position
Extraction
completion
position
Only NC contacts 11-12
and 31-32 have an
approved direct
opening mechanism.
The terminals 11-12
and 23-24 can be
used as unlike poles.
12
22
11
32
31
21
Stroke
ON
Lock position
Operation Key
insertion comple-
tion position
Extraction
completion
position
NC contacts 11-12,
21-22, and 31-32
have an approved
direct opening
mechanism.
The terminals 11-12
and 21-22 can be
used as unlike poles.


Similar Part No. - D4BL-1CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1115N OMRON-D4B-1115N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1116N OMRON-D4B-1116N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-1117N OMRON-D4B-1117N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
D4B-111RN OMRON-D4B-111RN Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
More results

Similar Description - D4BL-1CRB-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com