Electronic Components Datasheet Search |
|
D4BL-2CRA-A Datasheet(PDF) 10 Page - Omron Electronics LLC |
|
D4BL-2CRA-A Datasheet(HTML) 10 Page - Omron Electronics LLC |
10 / 12 page D-145 D4BL The head is constructed so that it cannot be operated with tools such as screwdrivers. Always use OMRON’s Operation Key to operate the head in order to ensure the safety of the machine and protect the D4BL from damage. The Operation Key provided for the D4BL is not compatible with that of the D4BS. Mount the Operation Key and secure it with one-way screws or equivalents to prevent easy removal of the D4BL. Securing the Door If the Operation Key on the closed door is pulled outside the set zone by a force caused by vibration, the door’s weight, or the door cushion rubber, the D4BL may be damaged. Secure the door with hooks so that it will remain within the set zone. Tightening Torque Be sure to tighten each screw of the D4BL properly, otherwise the D4BL may malfunction. Switch and Operation Key Mounting Mount the D4BL and Operation Key with four M5 screws with wash- ers and tighten each screw to the specified torque. Mounting Dimensions Switch Mounting Dimensions Operation Key Mounting Holes • Horizontal Mounting D4BL-K1 • Vertical Mounting D4BL-K2 • Adjustable Mounting (Horizontal) D4BL-K3 Type Torque 1 M3.5 terminal screw (including terminal screw) 0.59 to 0.78 N·m 2 Cover mounting screw 1.18 to 1.37 N·m 3 Head mounting screw 0.78 to 0.98 N·m 4 M5 body mounting screw 4.90 to 5.88 N·m 5 Operation Key mounting screw 2.35 to 2.75 N·m 6 Connector 1.77 to 2.16 N·m 7 Cap screw 1.27 to 1.67 N·m Drop Set zone Space Two, M5 Operation Key mounting screw Four, M3.5 head-mounting screw Conduit Conduit cap Four, M4 cover-mounting screw Four, M5 switch-mounting screw 100 ±0.1 74 ±0.1 Four, M5 20 ±0.1 Two, M5 40 ±0.1 Two, M5 30 ±0.1 Two, M5 |
Similar Part No. - D4BL-2CRA-A |
|
Similar Description - D4BL-2CRA-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |