Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX9NQ20T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHX9NQ20T
Description  N-channel TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX9NQ20T Datasheet(HTML) 3 Page - NXP Semiconductors

  PHX9NQ20T Datasheet HTML 1Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 2Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 3Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 4Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 5Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 6Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 7Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 8Page - NXP Semiconductors PHX9NQ20T Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
 transistor
PHX9NQ20T , PHF9NQ20T
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
-
-
8.7
A
(body diode)
I
SM
Pulsed source current (body
-
-
35
A
diode)
V
SD
Diode forward voltage
I
F = 9 A; VGS = 0 V
-
0.85
1.2
V
t
rr
Reverse recovery time
I
F = 9 A; -dIF/dt = 100 A/µs;
-
92
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 25 V
-
0.5
-
µC
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
SOT186A package; f = 50-60 Hz;
-
2500
V
three terminals to external
sinusoidal waveform; R.H.
≤ 65%;
heatsink
clean and dustfree
V
isol
Repetitive peak voltage from all
SOT186 package; R.H.
≤ 65%;
-
1500
V
three terminals to external
clean and dustfree
heatsink
C
isol
Capacitance from pin 2 to
f = 1 MHz
-
10
-
pF
external heatsink
November 2000
3
Rev 1.100


Similar Part No. - PHX9NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX14NQ20T PHILIPS-PHX14NQ20T Datasheet
68Kb / 9P
   N-channel TrenchMOS transistor
November 2000 Rev 1.100
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
PHX18NQ11 PHILIPS-PHX18NQ11 Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
PHX18NQ11T PHILIPS-PHX18NQ11T Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
More results

Similar Description - PHX9NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com