Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0026-DIE Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPGM0026-DIE
Description  Amplifier, Power, 0.6W 1.5-3.3 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0026-DIE Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPGM0026-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0026-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Amplifier, Power, 0.6W
1.5-3.3 GHz
MAAPGM0026-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903185 —
Preliminary Information
4
Mechanical Information
Chip Size: 2.980 x 1.580 x 0.075 mm
(
117 x 62 x 3 mils)
Pad
Size (
μm)
RF In and Out
100 x 200
DC Drain Supply Voltage VDD
200 x 150
DC Gate Supply Voltage VGG
150 x 150
Size (mils)
4 x 8
8 x 6
6 x 6
Bond Pad Dimensions
Figure 5. Die Layout
0.202mm.
0
0
0.840mm.
1.378mm.
1.580mm.
0.840mm.
Chip edge to bond pad dimensions are shown to the center of the bond pad.


Similar Part No. - MAAPGM0026-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0021-DIE MACOM-MAAPGM0021-DIE Datasheet
404Kb / 6P
   2W C/X-Band Power Amplifier 4.5-9.0 GHz
MAAPGM0021-SMB MACOM-MAAPGM0021-SMB Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAPGM0027 MACOM-MAAPGM0027 Datasheet
262Kb / 5P
   1.0W Power Amplifier 2.0-4.0 GHZ
More results

Similar Description - MAAPGM0026-DIE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
Mimix Broadband
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1631-SM_0608 MIMIX-CMM1631-SM_0608 Datasheet
227Kb / 4P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
Skyworks Solutions Inc.
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com