Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-000076-PED000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MAAP-000076-PED000
Description  Amplifier, Power, 16W 1.3-2.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000076-PED000 Datasheet(HTML) 7 Page - Tyco Electronics

  MAAP-000076-PED000 Datasheet HTML 1Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 2Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 3Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 4Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 5Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 6Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 7Page - Tyco Electronics MAAP-000076-PED000 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Amplifier, Power, 16W
1.3-2.5 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
Rev —
Preliminary Datasheet
7
MAAP-000076-PED000
100-
200
pF
100-
200
pF
100-
200
pF
100-
200
pF
RFIN
100-
200
pF
100-
200
pF
100-
200
pF
100-
200
pF
GND
100
VDD
VDD
VGG
Gnd
RF
RFOUT
VGG
0.01-
0.1 F
GND
0.01-
0.1 F
Drain
Crossover
Gate
Crossover
In implementing the DC/ RF crossover shown, the following rules must applied.
1.
the DC crossovers should approach and cross the RF trace at a 90 degree angle;
2.
the printed DC traces that approach the RF line should be stopped 2 substrate heights from the RF line edge;
3.
the rated current capability of the DC crossovers should be greater than the maximum current of the device; and
4.
the wires or ribbons used to make the DC crossovers should clear the RF trace by ~ 1 substrate height.
Die Handling:
Refer to Application Note AN3016. All Application Notes may be accessed by going to http://www.macom.com/
Application%20Notes/index.htm.
Power Supply Sequencing:
Must apply negative bias to VGG before applying positive bias to VDD to prevent damage to amplifier.
Recommended Layout and Wire Bonding Configuration


Similar Part No. - MAAP-000076-PED000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
   Amplifier, Power, 16W 1.3-2.5 GHz
More results

Similar Description - MAAP-000076-PED000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
   Amplifier, Power, 16W 1.3-2.5 GHz
MAAPGM0076-DIE MACOM-MAAPGM0076-DIE Datasheet
833Kb / 7P
   Amplifier, Power, 16W 1.3-2.5 GHz
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000066-PKG003 MACOM-MAAP-000066-PKG003 Datasheet
309Kb / 9P
   Amplifier, Power, 2.0W 2.5-5.0 GHz
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com