Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0049 Datasheet(PDF) 10 Page - Tyco Electronics

Part # MAAMSS0049
Description  RF Driver Amplifier 250 - 4000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0049 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button MAAMSS0049 Datasheet HTML 3Page - Tyco Electronics MAAMSS0049 Datasheet HTML 4Page - Tyco Electronics MAAMSS0049 Datasheet HTML 5Page - Tyco Electronics MAAMSS0049 Datasheet HTML 6Page - Tyco Electronics MAAMSS0049 Datasheet HTML 7Page - Tyco Electronics MAAMSS0049 Datasheet HTML 8Page - Tyco Electronics MAAMSS0049 Datasheet HTML 9Page - Tyco Electronics MAAMSS0049 Datasheet HTML 10Page - Tyco Electronics MAAMSS0049 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0049
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
10
RoHS
Compliant
Typical Performance Curves, 3500 MHz Configuration
Gain
Input Return Loss
Output Return Loss
P1dB
Output IP3
Applications Section
0
5
10
15
20
3.4
3.45
3.5
3.55
3.6
+25 C
Frequency (GHz)
-20
-15
-10
-5
0
3.4
3.45
3.5
3.55
3.6
+25 C
Frequency (GHz)
0
5
10
15
20
5
101520
25
30
+25 C
Output Power (dBm)
-35
-30
-25
-20
-15
-10
-5
3.4
3.45
3.5
3.55
3.6
+25 C
Frequency (GHz)
0
10
20
30
40
50
4
6
8
1012
1416182022
+25 C
Output Power (dBm)


Similar Part No. - MAAMSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040SMB MACOM-MAAMSS0040SMB Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0040SMB MA-COM-MAAMSS0040SMB Datasheet
107Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
logo
Tyco Electronics
MAAMSS0040TR MACOM-MAAMSS0040TR Datasheet
229Kb / 4P
   Low Noise CATV Amplifier 50 - 870 MHz
More results

Similar Description - MAAMSS0049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0057 MACOM-MAAMSS0057 Datasheet
202Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
   RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
   RF Driver Amplifier 300 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
   250 ~ 4000 MHz MMIC Amplifier
February 2017
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
   30 MHz RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com