Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0007TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0007TR
Description  High Output IP3 Driver Amplifier 1700 - 2500 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0007TR Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0007TR Datasheet HTML 1Page - Tyco Electronics MAAMSS0007TR Datasheet HTML 2Page - Tyco Electronics MAAMSS0007TR Datasheet HTML 3Page - Tyco Electronics MAAMSS0007TR Datasheet HTML 4Page - Tyco Electronics MAAMSS0007TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Output IP3 Driver Amplifier
1700 - 2500 MHz
MAAMSS0007
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Electrical Specifications5: TA = +25°C, Vcc = 5 V, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Gain6
2050 MHz
dB
12
13
15
Noise Figure7
2050 MHz
dB
5.5
Input Return Loss
2050 MHz
dB
10
12
Output Return Loss
2050 MHz
dB
10
15
Output P1dB
2050 MHz
dBm
24.5
Output IP3
Two tone, -5 dBm/tone, 10 MHz spacing,
2050 MHz
dBm
42
Current
Vcc = 5V
mA
80
100
120
5. Pin < 0 dBm unless otherwise specified.
6. Gain varies at –0.008 dB/°C typical.
7. Noise figure varies at 0.017 dB/°C typical.
Component List
Part
Value
Case Size
Manufacturer
C1,C6
1000 pF
0402
Murata
C2
1.5 pF
0402
Murata
C3
39 pF
0402
Murata
C4
0.3 pF
0402
ATC
C5,C7
0.01 pF
0402
Murata
L1
33 nH
0603
Coilcraft
R1
634 Ohms
0402
Panasonic
PCB Layout
Operating the MAAMSS0007
The MAAMSS0007 can be damaged by electrostatic
discharge (ESD). Use proper ESD control techniques
when handling this device. To operate the MAAMSS0007,
follow these steps.
1.
Apply VCC (5.0 V).
2.
Set PIN.
3.
Turn off in reverse order.
Schematic Including Off-Chip
Components for 1700 - 2500 MHz
Note: DC Bias and VCC may be connected to the same
+5 VDC Supply.
+5V
DC Bias
+5V
VCC
C6
C7
L1
C1
C5
R1
C3
C4
C2
RF IN
RF OUT


Similar Part No. - MAAMSS0007TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0007TR MA-COM-MAAMSS0007TR Datasheet
143Kb / 5P
   High Output IP3 Driver Amplifier 1700 - 2500 MHz
MAAMSS0007TR-3000 MA-COM-MAAMSS0007TR-3000 Datasheet
143Kb / 5P
   High Output IP3 Driver Amplifier 1700 - 2500 MHz
More results

Similar Description - MAAMSS0007TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0007 MA-COM-MAAMSS0007 Datasheet
143Kb / 5P
   High Output IP3 Driver Amplifier 1700 - 2500 MHz
logo
Stanford Microdevices
SLX-2043 STANFORD-SLX-2043 Datasheet
78Kb / 5P
   1700-2500 MHz High Linearity Low Noise Amplifier Module
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
   High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
   High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
logo
List of Unclassifed Man...
CX65003 ETC-CX65003 Datasheet
328Kb / 12P
   1400 - 2500 MHz Linear Power Amplifier Driver
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
logo
M/A-COM Technology Solu...
MAAMSS0046 MA-COM-MAAMSS0046 Datasheet
126Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0017 MA-COM-MAAMSS0017 Datasheet
157Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
logo
Tyco Electronics
MAAMSS0017 MACOM-MAAMSS0017 Datasheet
205Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
MAAMSS0046 MACOM-MAAMSS0046 Datasheet
208Kb / 4P
   Broadband IF Driver Amplifier 50 - 2500 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com