Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5127TDI-00-T3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT5127TDI-00-T3
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5127TDI-00-T3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5127TDI-00-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT5127TDI-00-T3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT5127, CAT5129
Doc. No. 2127 Rev. B
8
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATION INFORMATION
Potentiometer Configurations
(a) resistive divider
(b) variable resistance
(c) two-port
+
+
+
V1
(-)
V2
(+)
R1
R2
R2
R3
R3
R4
VO
A3
R4
+2.5V
10
1
A1
A2
2
3
4
5
6
7
8
9
11
+5V
DPP
555
+5V
0.01µF
8
3
5
4
6
21
}
}
7
R1
R2
pRPOT
(1-p)RPOT
C
0.01µF
0.003µF
CAT5127
CAT5127
3
6
Applications
Programmable Instrumentation Amplifier
Programmable Sq. Wave Oscillator (555)
CAT5127
+5V
2
8
1
7
4
CAT5127
6
3
R3
10k
R2
820
11kΩ
R1
6.8µF
VO(REG)
GND
SD
VIN (UNREG)
SHUTDOWN
1µF
2952
FB
1.23V
VOUT
100kΩ
0.1µF
Programmable Voltage Regulator
+
+
+5V
+5V
pR
(1-p)R
2
2
7
7
4
4
3
3
+2.5V
A1
6
6
A2
1M
330
330
IS
6
3
VO
LT1097
Programmable I to V convertor
RA
RB
+5V
2
8
1
7
4
+5V
2
8
1
7
4
+5V
2
8
1
7
4


Similar Part No. - CAT5127TDI-00-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127TDI-00-T3 CATALYST-CAT5127TDI-00-T3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
More results

Similar Description - CAT5127TDI-00-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com