Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRELW222M5018X21F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRELW222M5018X21F
Description  Miniature Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRELW222M5018X21F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRELW222M5018X21F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
79
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
LOW PROFILE, WIDE TEMPERATURE, RADIAL LEAD, POLARIZED
FEATURES
• LOW PROFILE APPLICATIONS
• WIDE TEMPERATURE 105OC
• HIGH STABILITY AND PERFORMANCE
NRE-LW Series
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 105oC)
RIPPLE CURRENT CORRECTION FACTORS
Frequency Factor
LEAD SPACING AND DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE D φ x L (mm)
dφ ± 0.05
Insulation Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Cap
(µF) Code
Working Voltage (Vdc)
10
16
25
35
50
63
100
47
470
-
-
-
-
-
-
10x12.5
100
101
-
-
-
-
-
10x12.5 16x16
220
221
-
-
-
10x12.5 10x12.5 16x16
16x21
330
331
-
-
10x12.5 12.5x16 16x16
16x21
-
470
471
-
10x12.5 12.5x16 16x16
16x21
-
-
1,000 102 12.5x15 16x16
16x21
16x21
-
-
-
2,200 222
16x16
16x21
16x21
-
-
-
-
3,300 332
16x21
-
-
-
-
-
-
4,700 472
18x21
-
-
-
-
-
-
PART NUMBER SYSTEM
NRELW 102 M 35V 16X20 F...
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Rated Voltage Range
10 ~ 100Vdc
Capacitance Range
47 ~ 4,700µF
Operating Temperature Range
-40 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage
Current @ 20°C
After 1 min.
0.03CV or 4µA whichever is greater
After 2 min.
0.01CV or 3µA whichever is greater
Max. Tan δ
@ 120Hz/20°C
W.V. (Vdc)
10
16
25
35
50
63
100
S.V. (Vdc)
13
20
32
44
63
79
125
C < 1,000µF
0.20
0.16
0.14
0.12
0.10
0.09
0.08
C < 2,200µF
0.22
0.18
0.16
-
-
-
-
C < 3,300µF
0.24
0.20
0.18
-
-
-
-
C < 4,700µF
0.26
0.22
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
10
16
25
35
50
63
100
Z-25°C/Z+20°C
3
3
2
2
2
2
2
Z-40°C/Z+20°C
8
6
4
3
3
3
3
Load Life Test at Rated W.V.
105°C 1,000 Hours
Capactance Change
Within 20% of initial measured value
Tan δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
MAXIMUM ESR (Ω AT 120Hz AND 20oC)
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
63
100
47
-
-
-
-
-
-
240
100
-
-
-
-
-
210 275
220
-
-
-
270 310 380 490
330
-
-
310 350 440 525
-
470
-
340 390 490 570
-
-
1000
470 630 720 840
-
-
-
2200
780 940 1080
-
-
-
-
3300
1000
-
-
-
-
-
-
4700
1200
-
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
63
100
47
-
-
-
-
-
-
2.82
100
-
-
-
-
-
1.49 1.33
220
-
-
-
0.90 0.75 0.25 0.60
330
-
-
0.70 0.60 0.50 0.68
-
470
-
0.56 0.49 0.42 0.35
-
-
1000
0.33 0.27 0.23 0.20
-
-
-
2200
0.17 0.14 0.12
-
-
-
-
3300
0.12
-
-
-
-
-
-
4700
0.09
-
-
-
-
-
-
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
W.V.
(Vdc)
Cap
(µF)
Working Voltage (Vdc)
50
120
1K
10K
6.3~16
ALL
0.8
1.0
1.1
1.2
25~35
<1000
0.8
1.0
1.5
1.7
1000<
0.8
1.0
1.2
1.3
50~100
<1000
0.8
1.0
1.6
1.9
1000<
0.8
1.0
1.2
1.3
Case Dia. (D
Case Dia. (D
Case Dia. (Dφφφ)))
5
6.3
8
10 12.5 16
18
22
Lead Dia. (D
Lead Dia. (Dφφ))
0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8
Lead Spacing (F)
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10
Dim. α
0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0


Similar Part No. - NRELW222M5018X21F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRELW NIC-NRELW Datasheet
88Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRELW NIC-NRELW_14 Datasheet
88Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRELW222M5018X21F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com