Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST485ER Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST485ER
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ER Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST485ER_06 Datasheet HTML 3Page - STMicroelectronics ST485ER_06 Datasheet HTML 4Page - STMicroelectronics ST485ER_06 Datasheet HTML 5Page - STMicroelectronics ST485ER_06 Datasheet HTML 6Page - STMicroelectronics ST485ER_06 Datasheet HTML 7Page - STMicroelectronics ST485ER_06 Datasheet HTML 8Page - STMicroelectronics ST485ER_06 Datasheet HTML 9Page - STMicroelectronics ST485ER_06 Datasheet HTML 10Page - STMicroelectronics ST485ER_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST485ER
Electrical characteristics
7/19
4.2
Driver switching characteristics
VCC = 5V ± 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred
to TA = 25°C
ICC
No load supply current (2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
µA
µA
IOSD1
Driver short-circuit current,
VO=High
VO = -7 to 12V
(3)
35
250
mA
IOSD2
Driver short-circuit current,
VO=Low
VO = -7 to 12V
(3)
35
250
mA
IOSR
Receiver short-circuit
current
VO = 0V to VCC
795
mA
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are
referenced to device ground unless specified.
2.
Supply current specification is valid for loaded transmitters when VDE = 0V
3.
Applies to peak current. See typical Operating Characteristics.
Table 6.
DC Electrical characteristics
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
Table 7.
Driver switching characteristics
Symbol
Parameter
Test conditions (1)
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are
referenced to device ground unless specified.
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input
to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
10
30
60
ns
tSK
Output Skew to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
510
ns
tTLH
tTHL
Rise or Fall Time
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
315
40
ns
tPZH
Output Enable Time
CL = 100pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPZL
Output Enable Time
CL = 100pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPLZ
Output Disable Time
CL = 15pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPHZ
Output Disable Time
CL = 15pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
CAB
Output AB Capacitance
43
pF


Similar Part No. - ST485ER_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485ERBD STMICROELECTRONICS-ST485ERBD Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ERBDR STMICROELECTRONICS-ST485ERBDR Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ERBN STMICROELECTRONICS-ST485ERBN Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ERCD STMICROELECTRONICS-ST485ERCD Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ERCDR STMICROELECTRONICS-ST485ERCDR Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results

Similar Description - ST485ER_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com