Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX6NA60E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHX6NA60E
Description  PowerMOS transistors Low capacitance Avalanche energy rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX6NA60E Datasheet(HTML) 1 Page - NXP Semiconductors

  PHX6NA60E Datasheet HTML 1Page - NXP Semiconductors PHX6NA60E Datasheet HTML 2Page - NXP Semiconductors PHX6NA60E Datasheet HTML 3Page - NXP Semiconductors PHX6NA60E Datasheet HTML 4Page - NXP Semiconductors PHX6NA60E Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistors
PHX6NA60E
Low capacitance
Avalanche energy rated
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Repetitive Avalanche Rated
• Fast switching
V
DSS = 600 V
• Low feedback capacitance
• Stable off-state characteristics
I
D = 3.9 A
• High thermal cycling performance
• Low thermal resistance
R
DS(ON) ≤ 1.2 Ω
GENERAL DESCRIPTION
PINNING
SOT186A
N-channel,
enhancement
mode
PIN
DESCRIPTION
field-effect
power
transistor,
intended for use in off-line switched
1
gate
mode power supplies, T.V. and
computer monitor power supplies,
2
drain
d.c. to d.c. converters, motor control
circuits
and
general
purpose
3
source
switching applications.
case
isolated
The PHX6NA60E is supplied in the
SOT186A
full
pack,
isolated
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
600
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
600
V
V
GS
Gate-source voltage
-
± 30
V
I
D
Continuous drain current
T
hs =
25 ˚C; V
GS = 10 V
-
3.9
A
T
hs = 100 ˚C; VGS = 10 V
-
2.6
A
I
DM
Pulsed drain current
T
hs = 25 ˚C
-
26
A
P
D
Total dissipation
T
hs = 25 ˚C
-
45
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature range
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Single pulse avalanche
Unclamped inductive load, ID = 6.5A;
-
570
mJ
energy
V
DD ≤ 50 V; starting Tj = 25˚C; RGS = 50 Ω;
V
GS = 10 V
E
AR
Repetitive avalanche energy
1
-
9.5
mJ
I
AS, IAR
Avalanche current
-
6.5
A
d
g
s
12 3
case
1 pulse width and repetition rate limited by T
j max.
January 1998
1
Rev 1.000


Similar Part No. - PHX6NA60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX6N50E PHILIPS-PHX6N50E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX6N60E PHILIPS-PHX6N60E Datasheet
69Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX6ND50E PHILIPS-PHX6ND50E Datasheet
60Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
More results

Similar Description - PHX6NA60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP6NA60E PHILIPS-PHP6NA60E Datasheet
21Kb / 4P
   PowerMOS transistors Low capacitance Avalanche energy rated
January 1998 Rev 1.000
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com