Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43CTQ080GS Datasheet(PDF) 5 Page - International Rectifier

Part # 43CTQ080GS
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

43CTQ080GS Datasheet(HTML) 5 Page - International Rectifier

  43CTQ080GS Datasheet HTML 1Page - International Rectifier 43CTQ080GS Datasheet HTML 2Page - International Rectifier 43CTQ080GS Datasheet HTML 3Page - International Rectifier 43CTQ080GS Datasheet HTML 4Page - International Rectifier 43CTQ080GS Datasheet HTML 5Page - International Rectifier 43CTQ080GS Datasheet HTML 6Page - International Rectifier 43CTQ080GS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Bulletin PD-20834 rev. A 02/07
43CTQ...GS, 43CTQ...G-1
www.irf.com
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Conform to JEDEC outline D
2Pak (SMD-220)
Dimensions in millimeters and (inches)
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Outline Table


Similar Part No. - 43CTQ080GS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTQ080GS VISHAY-43CTQ080GS Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
43CTQ080GSPBF VISHAY-43CTQ080GSPBF Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
43CTQ080GSPBF VISHAY-43CTQ080GSPBF Datasheet
173Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 23-Mar-10
43CTQ080GSPBF VISHAY-43CTQ080GSPBF_10 Datasheet
173Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 23-Mar-10
43CTQ080GSTRLP VISHAY-43CTQ080GSTRLP Datasheet
173Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 23-Mar-10
More results

Similar Description - 43CTQ080GS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com