Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRGB1R0M25V8X11.5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRGB1R0M25V8X11.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRGB1R0M25V8X11.5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRGB1R0M25V8X11.5F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
83
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
Rated Voltage Range
10 ~ 100VDC
Capacitance Range
0.47 ~ 330µF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
@ 20°C
After 2 min.
0.01CV or 3µA whichever is greater
Max. Tan δ
W.V. (Vdc)
10
16
25
35
50
63
100
S.V. (Vdc)
13
20
32
44
63
79
125
@120Hz/20°C
0.45
0.35
0.30
0.22
0.19
0.17
0.15
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
8
6
4
4
3
3
3
Load Life Test at Rated Voltage
@ 105°C
Duration
10,000 hours
∆ Capacitance
Within ±25% of initial measured value
∆ Tan δ
Less than 300% of specified value
∆ LC
Less than specified value
NRGB Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 10,000HRS @ 105°C)
• IDEAL FOR LOW VOLTAGE LIGHTING BALLAST
CHARACTERISTICS
NRGB 331 M 10V 8X11.5 F .
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
PART NUMBER SYSTEM
Cap. (µF) Code
Working Voltage (Vdc)
10
16
25
35
50
63
100
0.47
R47
-
-
-
-
5x11
-
5x11
1.0
1R0
-
-
-
-
5x11
-
5x11
2.2
2R2
-
-
-
-
5x11
-
5x11
3.3
3R3
-
-
-
-
5x11
-
5x11
4.7
4R7
-
-
-
-
5x11
-
5x11
10
100
-
-
-
-
5x11
5x11 6.3x11
22
220
-
-
-
-
5x11 6.3x11 8x11.5
33
330
-
-
5x11
5x11 6.3x11 6.3x11
-
47
470
-
5x11
5x11 6.3x11 6.3x11 8x11.5
-
100
101
5x11 6.3x11 6.3x11 8x11.5 8x11.5
-
-
220
221 6.3x11 8x11.5
-
-
-
-
-
330
331 8x11.5
-
-
-
-
-
-
F ± 0.5
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
dφ ± 0.05
Insulation Sleeve
Polarity Marking
Case Dia. (Dφ)
5
6.3
8
Lead Dia. (dφ)
0.5
0.5
0.6
Lead Spacing (F)
2.0
2.5
3.5
Dim. α
0.5
Dim. β
1.5
STANDARD PRODUCT AND CASE SIZE D φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
Cap
(µF)
Working Voltage (Vdc)
10
16
25
35
50
63
100
0.47
-
-
-
-
12
-
20
1.0
-
-
-
-
25
-
40
2.2
-
-
-
-
35
-
50
3.3
-
-
-
-
70
-
60
4.7
-
-
-
-
80
-
70
10
-
-
-
-
90
80
150
22
-
-
-
-
110
170
230
33
-
-
130
130
190
170
-
47
-
130 130
210
190
240
-
100 130 210 210
330
270
-
-
220 210 330
-
-
-
-
-
330 330
-
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Frequency (Hz)
Cap. (µF)
120
1K
10K
100K
Multiplier
0.47 ~ 10
0.42
0.60
0.80
1.00
22 ~ 33
0.55
0.75
0.90
1.00
47 ~ 330
0.70
0.85
0.95
1.00
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
63
100
0.47
-
-
-
-
670.5
-
529.4
1.0
-
-
-
-
315.2
-
248.8
2.2
-
-
-
-
143.3
-
113.1
3.3
-
-
-
-
95.5
-
75.4
4.7
-
-
-
-
67.1
-
52.9
10
-
-
-
-
31.5 28.2 24.9
22
-
-
-
-
14.3 12.8 11.3
33
-
-
15.1 11.1 9.55 8.54
-
47
-
12.4 10.6 7.76 6.71 6.00
-
100
7.46 5.81 4.98 3.65 3.15
-
-
220
3.39 2.64
-
-
-
-
-
330
2.26
-
-
-
-
-
-
MAXIMUM ESR
(Ω AT 120Hz AND 20OC)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRGB1R0M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRGB1R0M100V5x11F NIC-NRGB1R0M100V5x11F Datasheet
88Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRGB1R0M50V5x11F NIC-NRGB1R0M50V5x11F Datasheet
88Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRGB1R0M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com