Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ358M Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ358M
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ358M Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ358M Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ358M Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358/358C
Data Sheet
8
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
-40
-20
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
Figure 12. Output Characteristics Current Sourcing
Figure 13. Output Characteristics Current Sinking
Figure 14. Current Limiting
I
O
Output Sink Current (mA)
Output Source Current (mA)
Temperature (oC)
1E-3
0.01
0.1
1
10
100
1
2
3
4
5
6
7
8
Independent of V
CC
T
A
= 25
oC
V
O
V
CC
I
O
V
CC/2
Typical Performance Characteristics (Continued)
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
V
CC
=15V
V
CC
=5V
T
A
= 25
oC
V
CC/2
Vo
V
CC
I
O


Similar Part No. - AZ358M

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ358M BCDSEMI-AZ358M Datasheet
283Kb / 11P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358M BCDSEMI-AZ358M Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358M-E1 BCDSEMI-AZ358M-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358MTR BCDSEMI-AZ358MTR Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AZ358MTR-E1 BCDSEMI-AZ358MTR-E1 Datasheet
57Kb / 2P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ358M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com