Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX5N50E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHX5N50E
Description  PowerMOS transistor Isolated version of PHP8N50E
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX5N50E Datasheet(HTML) 1 Page - NXP Semiconductors

  PHX5N50E Datasheet HTML 1Page - NXP Semiconductors PHX5N50E Datasheet HTML 2Page - NXP Semiconductors PHX5N50E Datasheet HTML 3Page - NXP Semiconductors PHX5N50E Datasheet HTML 4Page - NXP Semiconductors PHX5N50E Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHX5N50E
Isolated version of PHP8N50E
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
field-effect power transistor in a full
pack, plastic envelope featuring high
V
DS
Drain-source voltage
500
V
avalanche energy capability, stable
I
D
Drain current (DC)
4
A
blocking voltage, fast switching and
P
tot
Total power dissipation
30
W
high thermal cycling performance
R
DS(ON)
Drain-source on-state resistance
0.8
with low thermal resistance. Intended
for use in Switched Mode Power
Supplies (SMPS),
motor control
circuits
and
general
purpose
switching applications.
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
500
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
500
V
±V
GS
Gate-source voltage
-
30
V
I
D
Drain current (DC)
T
hs =
25 ˚C
-
4
A
T
hs = 100 ˚C
-
2.5
A
I
DM
Drain current (pulse peak
T
hs =
25 ˚C
-
16
A
value)
I
DR
Source-drain diode current
T
hs =
25 ˚C
-
4
A
(DC)
I
DRM
Source-drain diode current
T
hs =
25 ˚C
-
16
A
(pulse peak value)
P
tot
Total power dissipation
T
hs =
25 ˚C
-
30
W
T
stg
Storage temperature
-55
150
˚C
T
j
Junction temperature
-
150
˚C
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 8 A; VDD ≤ 50 V; VGS = 10 V;
unclamped inductive turn-off
R
GS = 50 Ω
energy
T
j = 25˚C prior to surge
-
510
mJ
T
j = 100˚C prior to surge
-
82
mJ
W
DSR
1
Drain-source repetitive
I
D = 8 A; VDD ≤ 50 V; VGS = 10 V;
-
13
mJ
unclamped inductive turn-off
R
GS = 50 Ω; Tj ≤ 150 ˚C
energy
1. Pulse width and frequency limited by T
j(max)
12 3
case
d
g
s
November 1996
1
Rev 1.000


Similar Part No. - PHX5N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX5N40E PHILIPS-PHX5N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP10N40E
November 1996 Rev 1.000
More results

Similar Description - PHX5N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX1N60E PHILIPS-PHX1N60E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP1N60E
November 1996 Rev 1.000
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
PHX4N50E PHILIPS-PHX4N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N50E
November 1996 Rev 1.000
PHX5N40E PHILIPS-PHX5N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP10N40E
November 1996 Rev 1.000
PHX1N40E PHILIPS-PHX1N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP2N40E
November 1996 Rev 1.000
PHX2N40E PHILIPS-PHX2N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N40E
November 1996 Rev 1.000
BUK475-60H PHILIPS-BUK475-60H Datasheet
74Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60H
November 1996 Rev 1.200
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com