Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-008509-PED000 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAP-008509-PED000
Description  Amplifier, Power, 10W 8.5-10.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-008509-PED000 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAP-008509-PED000 Datasheet HTML 1Page - Tyco Electronics MAAP-008509-PED000 Datasheet HTML 2Page - Tyco Electronics MAAP-008509-PED000 Datasheet HTML 3Page - Tyco Electronics MAAP-008509-PED000 Datasheet HTML 4Page - Tyco Electronics MAAP-008509-PED000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Amplifier, Power, 10W
8.5—10.5 GHz
MA08509D
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Information
5
Figure 5. Recommended bonding diagram for pedestal mount.
Support circuitry typical of MMIC characterization fixture for CW testing.
NOTE: Indicated Gate voltage pad (VGG 2) represents the nominal bias
condition. However, the device current can be increased or decreased
as required by bonding to either VGG 1 or VGG 3 (respectively).
Assembly Instructions:
Die attach: Use AuSn (80/20) 1 mil. preform solder. Limit time @ 310 °C to less
than 7 minutes. Refer to Application Note AN3017 for more detailed information.
Wirebonding: Bond @ 160 °C using standard ball or thermal compression wedge
bond techniques. For DC pad connections, use either ball or wedge bonds. For best
RF performance, use wedge bonds of shortest length, although ball bonds are also
acceptable.
Biasing Note: Must apply negative bias to VGG before applying positive bias to
VDD to prevent damage to amplifier.
100 pF
100 pF
RF
IN
RF
OUT
0.1
μF
V
GG
100 pF
100 pF
100 pF
100 pF
0.1
μF
V
GG
0.1
μF
V
DD
0.1
μF
0.1
μF
V
DD
0.1
μF
Assembly and Bonding Diagram


Similar Part No. - MAAP-008509-PED000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
MAAP-008516-001SMB MA-COM-MAAP-008516-001SMB Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516-TR3000 MA-COM-MAAP-008516-TR3000 Datasheet
234Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results

Similar Description - MAAP-008509-PED000

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA085-105-31-17 TRANSCOM-TA085-105-31-17 Datasheet
17Kb / 1P
   8.5 - 10.5 GHz 17dBm Amplifier
logo
TriQuint Semiconductor
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
logo
Qorvo, Inc
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
logo
Tyco Electronics
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-PED000 MACOM-MAAP-000079-PED000 Datasheet
457Kb / 9P
   Amplifier, Power, 18W 7.5-10.5 GHz
MAAPGM0079-DIE MACOM-MAAPGM0079-DIE Datasheet
529Kb / 8P
   Amplifier, Power, 20W 7.5-10.5 GHz
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA2704 TRIQUINT-TGA2704_15 Datasheet
307Kb / 15P
   9 to 10.5 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com