Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAVR-002200-1146FT Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAVR-002200-1146FT
Description  Ultra High Ratio Si Hyperabrupt Varactor Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAVR-002200-1146FT Datasheet(HTML) 3 Page - Tyco Electronics

  MAVR-002200-1146FT Datasheet HTML 1Page - Tyco Electronics MAVR-002200-1146FT Datasheet HTML 2Page - Tyco Electronics MAVR-002200-1146FT Datasheet HTML 3Page - Tyco Electronics MAVR-002200-1146FT Datasheet HTML 4Page - Tyco Electronics MAVR-002200-1146FT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
V7
MA4ST2000 Series
3
Ultra High Ratio Si Hyperabrupt Varactor Diode
Typical Capacitance Values
MA4ST2200
MAVR-002200-XXXXXX
MA4ST2300
MAVR-002300-XXXXX
MAVR-002301-11410T
MA4ST2400
MAVR-002400-XXXXXX
MA4ST2500
MAVR-002500-XXXXXX
MA4ST2600
MAVR-002600-XXXXXX
Ct (pF)
Ct (pF)
Ct (pF)
0.1
7.643
34.06
60.26
86.48
113.09
0.3
6.746
30.07
53.12
76.34
99.80
0.5
5.948
26.56
46.81
67.36
88.07
1.0
4.006
18.00
31.75
46.09
60.31
1.5
1.895
8.313
15.52
22.83
30.21
2.0
0.985
3.941
7.470
10.05
13.94
VR (V)
Ct (pF)
Ct (pF)
2.5
0.744
2.889
5.407
7.112
9.952
3.0
0.638
2.429
4.512
5.918
8.274
3.5
0.579
2.166
4.000
5.275
7.332
4.0
0.543
1.993
3.663
4.895
6.749
4.5
0.517
1.845
3.370
4.691
6.317
5.0
0.469
1.771
3.200
4.557
6.086
Spice Model
Part Number
N
CJO
(pF)
Vj
(V)
M
Rs
(
Ω)
MA4ST2200
MAVR-002200-XXXXXX
1.261
10.2
12.62
18.60
1.114
MA4ST2300
MAVR-002300-XXXXXX
MAVR-002301-11410T
1.210
46.8
2.450
4.268
1.085
MA4ST2400
MAVR-002400-XXXXXX
1.158
84.6
1.322
2.632
0.903
MA4ST2500
MAVR-002500-XXXXXX
1.204
100
1.616
2.700
0.842
MA4ST2600
MAVR-002600-XXXXXX
1.196
159
1.169
2.270
0.910


Similar Part No. - MAVR-002200-1146FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-002200-1146FT MA-COM-MAVR-002200-1146FT Datasheet
141Kb / 6P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MAVR-002200-1146FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST2000 MA-COM-MA4ST2000 Datasheet
141Kb / 6P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
logo
Tyco Electronics
MA4ST1103-1141T MACOM-MA4ST1103-1141T Datasheet
101Kb / 3P
   High Tuning Ratio Silicon Hyperabrupt Varactor Diode
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
   HYPERABRUPT VARACTOR DIODE
logo
Advanced Semiconductor
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
   Silicon Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com