Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4VAT2000-1277T Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4VAT2000-1277T
Description  HMIC PIN Diode Variable Attenuator 1.70-2.20 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4VAT2000-1277T Datasheet(HTML) 1 Page - Tyco Electronics

  MA4VAT2000-1277T Datasheet HTML 1Page - Tyco Electronics MA4VAT2000-1277T Datasheet HTML 2Page - Tyco Electronics MA4VAT2000-1277T Datasheet HTML 3Page - Tyco Electronics MA4VAT2000-1277T Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HMIC PIN Diode Variable Attenuator
1.70-2.20 GHz
MA4VAT2000-1277T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• RoHs and ELV compliant
• Bandwidth: 1.70 GHz to 2.20 GHz
• 1.2 dB Insertion Loss, Typical
• 1.4:1 VSWR, Typical
• 24 dB Attenuation, Typical
• 40 dBm IIP3, Typical ( 1MHz Offset, @ +0dBm Pinc )
• 0-1.5 Volt Control Voltage.
• User can add an External Resistor for higher
D.C. Voltage requirements.
Extra Features
• Usable Bandwidth: 1.20 GHz to 2.50 GHz
• 1.5 dB Insertion Loss, Max
• 2:1 VSWR, Max
• 23 dB Attenuation, Max
Description and Applications
M/A-COM’s MA4VAT2000-1277T is a HMIC PIN
Diode Variable Attenuator which utilizes an integrated 90
degree 3dB hybrid with a pair of Silicon PIN Diodes
to perform the required attenuation function as
Voltage (Current) is applied. This device operates
from 0 to 1.5 Volts at 260 uA typical control current
for maximum attenuation. The user can add external
biasing resistors to the bias ports for higher voltage
requirements as required.
M/A-COM’s
MA4VAT2000-1277T
PIN
Diode
Variable Attenuator is designed for AGC Circuit
Applications requiring:
• Lower Insertion Loss
• Lower distortion through attenuation
• Larger dynamic range for wide spread
spectrum applications
MLP 3mm Package
(Circuit Side View)
Absolute Maximum Ratings
1,2
Parameter
Maximum Ratings
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Junction Temperature
+175 °C
Control Current
50mA per Diode
Reversed Current @ -30 V
l -50nA l
RF C.W. Incident Power
+33 dBm C.W.
1. All the above are at Room Temperature except as noted
2. Exceeding the above Limits may cause permanent damage
PIN Configuration
PIN 1
PIN 16
PIN
Function
PIN
Function
1
GND
9
DC2
2
GND
10
GND
11
GND
4
GND
12
DC1
5
GND
13
GND
6
RF2
14
GND
7
GND
15
RF1
8
GND
16
GND
Center Paddle is RF and D.C. Ground
RF Input/Output Ports are Functionally Symmetrical
3
GND


Similar Part No. - MA4VAT2000-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
   HMIC PIN Diode Variable Attenuator
More results

Similar Description - MA4VAT2000-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T_15 Datasheet
633Kb / 5P
   HMIC PIN Diode Variable Attenuator
logo
Tyco Electronics
MA4VAT2004-1061T MACOM-MA4VAT2004-1061T Datasheet
399Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
MA4VAT2007-1061T MACOM-MA4VAT2007-1061T Datasheet
405Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com