Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAVR-001340-1146FT Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAVR-001340-1146FT
Description  Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAVR-001340-1146FT Datasheet(HTML) 5 Page - Tyco Electronics

  MAVR-001340-1146FT Datasheet HTML 1Page - Tyco Electronics MAVR-001340-1146FT Datasheet HTML 2Page - Tyco Electronics MAVR-001340-1146FT Datasheet HTML 3Page - Tyco Electronics MAVR-001340-1146FT Datasheet HTML 4Page - Tyco Electronics MAVR-001340-1146FT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low Voltage/Low Rs Silicon Hyperabrupt
Varactor Diode
V3
MA4ST1300 Series
5
Mounting Information
The
illustration
indicates
the
recommended
mounting
pad
configuration
for
the
SC-79, SOT-323 and SOD-323 packages. Solder
paste containing flux should be screened onto
the pads to a thickness of 0.005- 0.007 inches.
The plastic package is placed in position, firmly
adhering to the solder paste.
Permanent attachment is performed by a reflow
soldering
procedure
during
which
the
tab
temperature does not exceed +275
°C and the
body temperature does not exceed +250
°C, for
standard models and +260
°C for the RoHS
compliant devices.
Please refer to Application Note M538 for
surface mounting instructions.
SOT-323
0.030
0.80
0.030
0.80
0.030
0.80
0.075
1.9
0.030
0.80
inches
mm
Dimenstions:
SOD-323
0.030
0.80
.090
2.2
0.030
0.80
inches
mm
Dimenstions:
0.030
0.80
SC-79
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50


Similar Part No. - MAVR-001340-1146FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-001340-1146FT MA-COM-MAVR-001340-1146FT Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MAVR-001340-1146FT MA-COM-MAVR-001340-1146FT Datasheet
757Kb / 7P
   Silicon Hyperabrupt Varactor Diode
More results

Similar Description - MAVR-001340-1146FT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300_V7 MA-COM-MA4ST1300_V7 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Tyco Electronics
MA4ST1200 MACOM-MA4ST1200 Datasheet
79Kb / 5P
   Low Tuning Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Sensitron
SCP-5759 SENSITRON-SCP-5759 Datasheet
40Kb / 2P
   LOW CAPACITANCE HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA4ST1200_V8 MA-COM-MA4ST1200_V8 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com