Electronic Components Datasheet Search |
|
MAVR-002200-12790T Datasheet(PDF) 5 Page - Tyco Electronics |
|
MAVR-002200-12790T Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 5 page M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. Also Offering RoHs Compliant Equivalent Parts V7 MA4ST2000 Series 5 Ultra High Ratio Si Hyperabrupt Varactor Diode Mounting Information The illustration indicates the recommended mounting pad configuration for the SC-79, SOT-323 and SOD-323 packages. Solder paste containing flux should be screened onto the pads to a thickness of 0.005- 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste. Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not exceed +275 °C and the body temperature does not exceed +250 °C, for standard models and +260 °C for the RoHS compliant devices. Please refer to Application Note M538 for surface mounting instructions. SOT-323 0.030 0.80 0.030 0.80 0.030 0.80 0.075 1.9 0.030 0.80 inches mm Dimenstions: SOD-323 0.030 0.80 .090 2.2 0.030 0.80 inches mm Dimenstions: 0.030 0.80 SC-79 0.020 0.50 0.053 1.35 inches mm Dimenstions: 0.020 0.50 |
Similar Part No. - MAVR-002200-12790T |
|
Similar Description - MAVR-002200-12790T |