Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX4N60E Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHX4N60E
Description  PowerMOS transistors Avalanche energy rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX4N60E Datasheet(HTML) 6 Page - NXP Semiconductors

  PHX4N60E Datasheet HTML 1Page - NXP Semiconductors PHX4N60E Datasheet HTML 2Page - NXP Semiconductors PHX4N60E Datasheet HTML 3Page - NXP Semiconductors PHX4N60E Datasheet HTML 4Page - NXP Semiconductors PHX4N60E Datasheet HTML 5Page - NXP Semiconductors PHX4N60E Datasheet HTML 6Page - NXP Semiconductors PHX4N60E Datasheet HTML 7Page - NXP Semiconductors PHX4N60E Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHX4N60E
Avalanche energy rated
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); parameter VDS
Fig.14. Typical switching times; t
d(on), tr, td(off), tf = f(RG)
Fig.15. Normalised drain-source breakdown voltage;
V
(BR)DSS/V(BR)DSS 25 ˚C = f(Tj)
Fig.16. Source-Drain diode characteristic.
I
F = f(VSDS); parameter Tj
Fig.17. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tp);
unclamped inductive load
Fig.18. Maximum permissible repetitive avalanche
current (I
AR) versus avalanche time (tp)
0
1020
30
40
506070
0
5
10
15
PHP3N60
Qg, Gate charge (nC)
VGS, Gate-Source voltage (Volts)
VDD = 480 V
240 V
120 V
ID = 4.5 A
Tj = 25 C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
PHP3N60
VSDS, Source-Drain voltage (Volts)
IF, Source-Drain diode current (Amps)
VGS = 0 V
150 C
Tj = 25 C
0
1020
3040
5060
10
100
1000
td(on)
tr
tf
PHP3N60
RG, Gate resistance (Ohms)
Switching times (ns)
Tj = 25 C
VDD = 300 V
RD = 68 Ohms
td(off)
VGS = 10 V
PHP4N60E
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
Avalanche time, tp (s)
Non-repetitive Avalanche current, IAS (A)
25 C
VDS
ID
tp
Tj prior to avalanche = 125 C
-100
-50
0
50
100
150
0.85
0.9
0.95
1
1.05
1.1
1.15
Tj, Junction temperature (C)
Normalised Drain-source breakdown voltage
V(BR)DSS @ Tj
V(BR)DSS @ 25 C
PHP4N60E
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
Avalanche time, tp (s)
Maximum Repetitive Avalanche Current, IAR (A)
125 C
Tj prior to avalanche = 25 C
December 1998
6
Rev 1.200


Similar Part No. - PHX4N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX4N40E PHILIPS-PHX4N40E Datasheet
72Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX4N50E PHILIPS-PHX4N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N50E
November 1996 Rev 1.000
PHX4ND40E PHILIPS-PHX4ND40E Datasheet
73Kb / 8P
   PowerMOS transistors FREDFET, Avalanche energy rated
August 1998 Rev 1.100
More results

Similar Description - PHX4N60E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com