Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SW210B-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MA4SW210B-1
Description  Monolithic Pin Diode Switches with Integrated Bias Network
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW210B-1 Datasheet(HTML) 8 Page - Tyco Electronics

  MA4SW210B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 6Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 7Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 8Page - Tyco Electronics MA4SW210B-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Monolithic Pin Diode Switches w/Integrated Bias Network
MA4SW210B-1, MA4SW310B-1
V 3.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. M/A-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
8
MA4SW210B-1
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.0661
0.0700
1.68
1.78
B
0.0484
0.0524
1.23
1.33
C
0.0039
0.0059
0.100
0.150
D
0.0035
0.0055
0.090
0.140
E
0.0115
0.0125
0.292
0.317
F
0.0289
0.0299
0.735
0.760
G
0.0301
0.0311
0.766
0.791
H
0.0288
0.0298
0.732
0.757
J
0.0051 REF.
0.129 REF.
K
0.0051 REF.
0.129 REF.
MA4SW310B-1
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.0697
0.0736
1.77
1.87
B
0.0693
0.0732
1.76
1.86
C
0.0039
0.0059
0.100
0.150
D
0.0310
0.0319
0.787
0.812
E
0.0289
0.0299
0.734
0.759
F
0.0055
0.0075
0.140
0.190
G
0.0035
0.0055
0.089
0.139
H
0.0044
0.0064
0.113
0.163
J
0.0338
0.0358
0.859
0.909
K
0.0632
0.0652
1.61
1.66
L
0.0660
0.0680
1.68
1.73
M
0.0051 REF.
0.129 REF.
N
0.0046 REF.
0.118 REF.


Similar Part No. - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
705Kb / 7P
   Broad Bandwidth Specified 2 - 18 GHz
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MASW-00X102 MA-COM-MASW-00X102 Datasheet
713Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MASW-002102-13580 MA-COM-MASW-002102-13580 Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
logo
Tyco Electronics
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
   Monolithic SP4T PIN Diode Switch With Integrated Bias Network
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
   SP4T PIN Diode with Integrated Bias Network
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com