Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4ST1340CK-1146T Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4ST1340CK-1146T
Description  Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST1340CK-1146T Datasheet(HTML) 3 Page - Tyco Electronics

  MA4ST1340CK-1146T Datasheet HTML 1Page - Tyco Electronics MA4ST1340CK-1146T Datasheet HTML 2Page - Tyco Electronics MA4ST1340CK-1146T Datasheet HTML 3Page - Tyco Electronics MA4ST1340CK-1146T Datasheet HTML 4Page - Tyco Electronics MA4ST1340CK-1146T Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low Voltage/Low Rs Silicon Hyperabrupt
Varactor Diode
V3
MA4ST1300 Series
3
Typical Capacitance Values
Spice Model
Cp
Rs
Cj
Ls
Intrinsic Diode Model
N=N
Cj0=Cj0
Vj=Vj
Fc=0.5
BV=20 V
M=M
Parasitic Cp & Ls
Are per Above Table
VR (V)
MA4ST1320
MAVR-001320
MA4ST1330
MAVR-001330
Ct (pF)
Ct (pF)
0.5
55.45
25.4
1.0
45.0
20.7
1.5
36.3
16.8
2.0
28.3
13.2
2.5
21.2
10.1
3.0
16.4
7.9
3.5
13.3
6.4
4.0
11.4
5.5
4.5
10.0
4.8
5.0
9.1
4.4
MA4ST1340
MAVR-001340
MA4ST1350
MAVR-001350
Ct (pF)
Ct (pF)
17.7
11.4
14.4
9.3
11.7
7.6
9.2
5.9
7.0
4.5
5.4
3.4
4.4
2.9
3.8
2.5
3.3
2.2
3.0
2.0
Part Number
N
CJO
(pF)
Vj
(V)
M
MA4ST1320
MAVR-001320
1.1
71.5
20.35
13.21
MA4ST1330
MAVR-001330
1.1
32.8
20.91
13.72
MA4ST1340
MAVR-001340
1.1
22.7
22.32
14.72
MA4ST1350
MAVR-001350
1.1
14.3
25.52
15.87


Similar Part No. - MA4ST1340CK-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST1340CK-1146T MA-COM-MA4ST1340CK-1146T Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST1340CK-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300_V7 MA-COM-MA4ST1300_V7 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1200 MA-COM-MA4ST1200 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Tyco Electronics
MA4ST1200 MACOM-MA4ST1200 Datasheet
79Kb / 5P
   Low Tuning Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Sensitron
SCP-5759 SENSITRON-SCP-5759 Datasheet
40Kb / 2P
   LOW CAPACITANCE HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA4ST1200_V8 MA-COM-MA4ST1200_V8 Datasheet
83Kb / 5P
   Low Tuning Voltage / Low Rs Silicon Hyperabrupt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com