Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4ST200 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST200
Description  Low-Voltage / High Q Si Hyperabrupt Varactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST200 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST200 Datasheet HTML 1Page - Tyco Electronics MA4ST200 Datasheet HTML 2Page - Tyco Electronics MA4ST200 Datasheet HTML 3Page - Tyco Electronics MA4ST200 Datasheet HTML 4Page - Tyco Electronics MA4ST200 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHS Compliant
Equivalent Parts
Low-Voltage / High Q
Si Hyperabrupt Varactors
V2
MA4ST200 Series
1
Features
Surface Mount Packages
(SOT-23, SOT-323, SOD-323)
High Q at Low Voltages
High Capacitance Ratio at Low Voltages
SPC Process for Superior C-V Repeatability
Available as Single and Common Cathode Pairs
Tape and Reel Packaging
Designed for Commercial Wireless Applications
Lead-Free (RoHS Compliant) equivalents avail-
able with 260°C reflow compatibility
Description
M/A-COM’s MA4ST200 series is a ion-implanted,
hyperabrupt junction, silicon tuning varactors in
SOT-23, SOT-323, and SOD- 323 surface mount
packages. This series of varactors is designed for
high Q and low voltage operation. Each varactor
type has a Q greater than 400 at -2 V. These diodes
are offered with standard Sn/Pb plating , as well as
100% matte Sn plating on our RoHS compliant
equivalent devices.
Applications
The MA4ST200 series tuning varactors are useful
for wide band tuning and low phase noise applica-
tions where the supply voltage is limited to 5 volts or
less. These varactors have been specifically de-
signed for use in the wireless communications up to
the 2.4 GHz band. Applications include VCOs and
voltage tuned filters.
RoHS Compliant parts
Absolute Maximum Ratings @ TA=+25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Total Power Dissipation
250 mW
Part Number
RoHS Compliant Base
Part Number
MA4ST230
MAVR-000230
MA4ST240
MAVR-000240
MA4ST250
MAVR-000250
0.25
0.5
0.75
1.0
2.0
3.0
350
FREQUENCY (GHz)
JCT
NMT
AMPS
TACS
NMT
IS-136/95
GSM
PDC
CT2
Active Pagers
DECT
PHP
DCS1800
WLAN
GPS
PCS
SMR
340
330
320
Fig. 1 Typical Device Selection by Frequency
Configurations


Similar Part No. - MA4ST200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST2000 MACOM-MA4ST2000 Datasheet
96Kb / 5P
   Ultra High Ratio Si Hyperabrupt Varactor Diode
More results

Similar Description - MA4ST200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST200 MACOM-MA4ST200 Datasheet
62Kb / 3P
   Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200_15 Datasheet
736Kb / 8P
   Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
   Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300_1 Datasheet
100Kb / 5P
   Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com