Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SPS422 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4SPS422
Description  SURMOUNT PIN Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SPS422 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4SPS422 Datasheet HTML 1Page - Tyco Electronics MA4SPS422 Datasheet HTML 2Page - Tyco Electronics MA4SPS422 Datasheet HTML 3Page - Tyco Electronics MA4SPS422 Datasheet HTML 4Page - Tyco Electronics MA4SPS422 Datasheet HTML 5Page - Tyco Electronics MA4SPS422 Datasheet HTML 6Page - Tyco Electronics MA4SPS422 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SURMOUNTTM PIN Diodes
MA4SPS421, MA4SPS422
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
4
V2
MA4SPS420 Series
MA4SPS420 Typical Performance Curves @ +25 °C
3
Rs vs. Current (@ 100MHz & 1GHz)
MA4SPS421
1
10
100
0.001
0.01
0.1
Current (A)
Rs vs. Current (@ 100MHz & 1GHz)
MA4SPS422
1
10
100
0.001
0.01
0.1
Current (A)
Ct vs Voltage (@ 100MHz & 1GHz)
MA4SPS421
0.0E+00
5.0E-14
1.0E-13
1.5E-13
2.0E-13
2.5E-13
3.0E-13
0
10
20
30
40
Voltage (V)
100MHz
1GHz
Ct vs Voltage (@ 100MHz & 1GHz)
MA4SPS422
0.0E+00
5.0E-14
1.0E-13
1.5E-13
2.0E-13
2.5E-13
3.0E-13
0
10
20
30
40
Voltage (V)
100MHz
1GHz
Rp vs Voltage (@ 100MHz & 1GHz)
MA4SPS421
1
10
100
1000
10000
100000
1000000
0
10
20
30
40
Voltage (V)
1GHz
100MHz
Rp vs Voltage (@ 100MHz & 1GHz)
MA4SPS422
1
10
100
1000
10000
100000
1000000
0
10
20
30
40
Voltage (V)
1GHz
100MHz


Similar Part No. - MA4SPS422

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS422 MA-COM-MA4SPS422 Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
More results

Similar Description - MA4SPS422

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
MA4SPS420 MA-COM-MA4SPS420_15 Datasheet
208Kb / 7P
   SURMOUNT PIN Diodes
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-030015 MA-COM-MADP-030015 Datasheet
253Kb / 4P
   SURMOUNT??15關M PIN Diodes
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015_15 Datasheet
247Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-017015-1314_V6 MA-COM-MADP-017015-1314_V6 Datasheet
247Kb / 4P
   SURMOUNT Diodes
MADP-030015 MA-COM-MADP-030015_15 Datasheet
253Kb / 4P
   SURMOUNT 15關M PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com