Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SPS402 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MA4SPS402
Description  SURMOUNT PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SPS402 Datasheet(HTML) 7 Page - Tyco Electronics

  MA4SPS402_1 Datasheet HTML 1Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 2Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 3Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 4Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 5Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 6Page - Tyco Electronics MA4SPS402_1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SURMOUNTTM
PIN Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
7
V2
MA4SPS402
MA4SPS402 ADS SPICE Model
3
MA4SPS402 Schematic
MA4SPS402 SPICE Model
PinDiodeModel
NLPINM1
Ffe=1.0
Af=1.0
Kf=0.0
Imax=1.0E+6 A/m^2
Fc=0.5
M=0.5
Vj=0.7 V
Cj0=0.06 pF
Rs=0.1 Ohm
Tau=0.20 usec
Cmin=0.045
pF
Rr=20 K Ohm
Wi=6.5 um
Un=900 cm^2/V-sec
Vi=0.0 V
Is=1.0E-14 A
wPmax=1.0 W
wBv=100 V
Notes :
Rs = 2 * Rvia + Rp
Rp
Cp
Ls
Rvia
Rvia
+
_


Similar Part No. - MA4SPS402_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
More results

Similar Description - MA4SPS402_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
MA4SPS302 MA-COM-MA4SPS302_15 Datasheet
125Kb / 4P
   SURMOUNT PIN Diode
MA4SPS552 MA-COM-MA4SPS552_15 Datasheet
833Kb / 6P
   SURMOUNT PIN Diode
logo
Tyco Electronics
MA4SPS502 MACOM-MA4SPS502_1 Datasheet
144Kb / 4P
   SURMOUNT PIN Diode
logo
M/A-COM Technology Solu...
MASW-001150-13160-V5 MA-COM-MASW-001150-13160-V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150 MA-COM-MASW-001150_15 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
   SURMOUNT Silicon PIN Diode SPDT Switch
MADP-064908-131000 MA-COM-MADP-064908-131000_15 Datasheet
156Kb / 7P
   Surmount PIN Chip
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com