Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NREHW680M3506.3X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NREHW680M3506.3X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREHW680M3506.3X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NREHW680M3506.3X11F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
73
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
HIGH VOLTAGE, RADIAL, POLARIZED, EXTENDED TEMPERATURE
FEATURES
• HIGH VOLTAGE/TEMPERATURE (UP TO 450VDC/+105°C)
• NEW REDUCED SIZES
NRE-HW Series
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 105OC)
E.S.R.
(
AT 120Hz AND 20oC)
STANDARD PRODUCT AND CASE SIZE D
φ x L (mm)
D
φ ± α
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Rated Voltage Range
160 ~ 450VDC
Capacitance Range
0.47 ~ 330
µF
Operating Temperature Range
-40°C ~ +105°C (160 ~ 400V)
or -25°C ~ +105°C (450V)
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ 20°C
CV
≤ 1000µF 0.03CV +15µA, CV > 1000µF 0.02 +25µA (after 2 minutes)
Max. Tan
δ @ 120Hz/20°C
W.V.
160
200
250
350
400
450
S.V.
200
250
300
400
450
500
Tan
δ
0.20
0.20
0.20
0.25
0.25
0.25
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
4
6
6
Z-40°C/Z+20°C
6
6
6
8
10
-
Load Life Test at Rated W.V.
+105°C 2,000 Hours: 10
φ & Up
+105°C 1,000 Hours: 8
φ
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
+85°C 1,000 Hours with no load
Shall meet same requirements as in load life test
PART NUMBER SYSTEM
NREHW 100 M 350V 10X20 F...
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap
(
µF) Code
Working Voltage (Vdc)
160
200
250
350
400
450
0.47 R47
5x11
5x11
5x11
6.3x11
6.3x11
-
1.0
1R0
5x11
5x11
5x11
6.3x11
8x11.5
8x12.5
2.2
2R2
6.3x11
6.3x11
6.3x11
8x11.5
8x11.5
10x16
3.3
3R3
6.3x11
6.3x11
8x11.5
8x12.5 10x12.5
10x20
4.7
4R7
6.3x11
8x11.5
8x11.5 10x12.5
10x16
12.5x20
10
100
8x11.5
8x12.5 10x12.5
10x20
10x20
12.5x25
22
220 10x12.5
10x16
10x20
12.5x25 12.5x25
16x25
33
330
10x20
10x20
12.5x20
16x25
16x25
16x31
47
470 12.5x20 12.5x20 12.5x25
16x31
16x31
18x36
68
680 12.5x20 12.5x25
16x25
16x36
18x36
18x41
100
101 12.5x25
16x25
16x36
18x41
-
-
150
151
16x31
16x36
18x36
-
-
-
220
221
16x36
18x36
-
-
-
-
330
331
18x41
-
-
-
-
-
Cap
(
µF)
Working Voltage (Vdc)
160 200 250 350 400 450
0.47
7
8
8
10
10
-
1.0
15
16
18
20
20
18
2.2
22
24
25
28
28
28
3.3
28
32
34
36
36
36
4.7
39
40
41
47
47
47
10
63
64
66
70
70
70
22
107 112 119 123 126 125
33
137 147 154 158 161 154
47
172 175 182 182 189 172
68
217 228 235 242 249 189
100
287 301 302 308
-
-
150
385 403 412
-
-
-
220
522 532
-
-
-
-
330
560
-
-
-
-
-
Cap
(
µF)
W.V. (Vdc)
160~250 350~450
0.47
706
882
1.0
332
415
2.2
151
188
3.3
101
126
4.7
70.6
86.2
10
33.2
41.5
22
15.1
18.8
33
10.1
12.6
47
7.06
8.82
68
4.88
6.10
100
3.32
4.15
150
2.21
-
220
1.51
-
330
1.01
-
LEAD SPACING AND DIAMETER (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim
α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Cap. Value
Frequency (Hz)
100 ~ 500
1K ~ 5K 10K ~ 100K
<100
µF
1.00
1.30
1.50
100 ~ 1000
µF
1.00
1.20
1.30
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR


Similar Part No. - NREHW680M3506.3X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREHW NIC-NREHW Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NREHW NIC-NREHW_14 Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NREHW680M3506.3X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com