Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4IQP900L-1291T Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4IQP900L-1291T
Description  I/Q Modulator/Demodulator 850-960 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4IQP900L-1291T Datasheet(HTML) 5 Page - Tyco Electronics

  MA4IQP900L-1291T Datasheet HTML 1Page - Tyco Electronics MA4IQP900L-1291T Datasheet HTML 2Page - Tyco Electronics MA4IQP900L-1291T Datasheet HTML 3Page - Tyco Electronics MA4IQP900L-1291T Datasheet HTML 4Page - Tyco Electronics MA4IQP900L-1291T Datasheet HTML 5Page - Tyco Electronics MA4IQP900L-1291T Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
I/Q Modulator/Demodulator
850-960 MHz
MA4IQP900L-1291T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
Demodulator Input IP3 and Input 1dB Compression 850-960 MHz
Demodulator Phase and Amplitude Imbalance 850-960 MHz
0
5
10
15
20
25
30
35
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
Input 1dB Compression
IIP3 @ 8dBm LO
IIP3 @ 10dBm LO
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Phase Imbalance @ 8dBm LO
Phase Imbalance @ 10dBm LO
Amp. Imbalance @ 8dBm LO
Amp. Imbalance @ 10dBm LO


Similar Part No. - MA4IQP900L-1291T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
More results

Similar Description - MA4IQP900L-1291T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
MA4IQP900M-1291T MACOM-MA4IQP900M-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291HT MACOM-MAMO-000900-1291HT Datasheet
250Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAMO-00900-1291MT MA-COM-MAMO-00900-1291MT Datasheet
157Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
EKIN2-960 MACOM-EKIN2-960 Datasheet
218Kb / 2P
   E-Series I/Q Modulator 925 - 960 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com