Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A0256-ALUT Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT32UC3A0256-ALUT
Description  AVR32 32-Bit Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A0256-ALUT Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT32UC3A0256-ALUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 9Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 10Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 11Page - ATMEL Corporation AT32UC3A0256-ALUT Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
32058AS–AVR32–03/07
Power Manager - PM
GCLK0 - GCLK3
Generic Clock Pins
Output
RESET_N
Reset Pin
Input
Low
Real Time Counter - RTC
RTC_CLOCK
RTC clock
Output
Watchdog Timer - WDT
WDTEXT
External Watchdog Pin
Output
External Interrupt Controller - EIC
EXTINT0 - EXTINT7
External Interrupt Pins
Input
KPS0 - KPS7
Keypad Scan Pins
Output
NMI_N
Non-Maskable Interrupt Pin
Input
Low
Ethernet MAC - MACB
COL
Collision Detect
Input
CRS
Carrier Sense and Data Valid
Input
MDC
Management Data Clock
Output
MDIO
Management Data Input/Output
I/O
RXD0 - RXD3
Receive Data
Input
RX_CLK
Receive Clock
Input
RX_DV
Receive Data Valid
Input
RX_ER
Receive Coding Error
Input
SPEED
Speed
TXD0 - TXD3
Transmit Data
Output
TX_CLK
Transmit Clock or Reference Clock
Output
TX_EN
Transmit Enable
Output
TX_ER
Transmit Coding Error
Output
External Bus Interface - HEBI - uC3015 Only
ADDR0 - ADDR23
Address Bus
Output
CAS
Column Signal
Output
Low
Table 4-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3A0256-ALUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A0256-ALUT ATMEL-AT32UC3A0256-ALUT Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A0256-ALUT ATMEL-AT32UC3A0256-ALUT Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A0256-ALUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com