Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A1512-AUT Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32UC3A1512-AUT
Description  AVR32 32-Bit Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A1512-AUT Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32UC3A1512-AUT Datasheet HTML 1Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 2Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 3Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 4Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 5Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
32058AS–AVR32–03/07
3.
Blockdiagram
Figure 3-1.
Blockdiagram
UC CPU
NEXUS
CLASS 2+
OCD
INSTR
INTERFACE
DATA
INTERFACE
TIMER/COUNTER
INTERRUPT
CONTROLLER
REAL TIME
COUNTER
PERIPHERAL
DMA
CONTROLLER
512 KB
FLASH
HSB-PB
BRIDGE B
HSB-PB
BRIDGE A
S
MM
M
M
M
S
S
S
S
S
M
EXTERNAL
INTERRUPT
CONTROLLER
HIGH SPEED
BUS MATRIX
64 KB SRAM
PA
PB
PC
PX
A[2..0]
B[2..0]
CLK[2..0]
EXTINT[7..0]
KPS[7..0]
NMI_N
GCLK[3..0]
XIN32
XOUT32
XIN0
XOUT0
PA
PB
PC
PX
RESET_N
CAS
RAS
SDA10
SDCK
SDCKE
SDCS1
SDWE
NCS[3..0]
NRD
NWAIT
NWE0
DATA[15..0]
USB
INTERFACE
DMA
ID
VBOF
VBUS
D-
D+
ETHERNET
MAC
DMA
32 KHz
OSC
115 kHz
RCOSC
OSC0
PLL0
PULSE WIDTH
MODULATION
CONTROLLER
USART3
SERIAL
PERIPHERAL
INTERFACE 0/1
TWO-WIRE
INTERFACE
RXD
TXD
CLK
MISO, MOSI
NPCS[3..1]
PWM[6..0]
SCL
SDA
USART1
RXD
TXD
CLK
RTS, CTS
DSR, DTR, DCD, RI
USART0
USART2
RXD
TXD
CLK
RTS, CTS
SYNCHRONOUS
SERIAL
CONTROLLER
TX_CLOCK, TX_FRAME_SYNC
RX_DATA
TX_DATA
RX_CLOCK, RX_FRAME_SYNC
ANALOG TO
DIGITAL
CONVERTER
AD[7..0]
ADVREF
WATCHDOG
TIMER
XIN1
XOUT1
OSC1
PLL1
SCK
JTAG
INTERFACE
MCKO
MDO[5..0]
MSEO[1..0]
EVTI_N
EVTO_N
TCK
TDO
TDI
TMS
POWER
MANAGER
RESET
CONTROLLER
ADDR[23..0]
SLEEP
CONTROLLER
CLOCK
CONTROLLER
CLOCK
GENERATOR
COL,
CRS,
RXD[3..0],
RX_CLK,
RX_DV,
RX_ER
MDC,
TXD[3..0],
TX_CLK,
TX_EN,
TX_ER,
SPEED
MDIO
CONFIGURATION
REGISTERS BUS
MEMORY PROTECTION UNIT
PB
PB
HSB
HSB
NWE1
NWE3
NPCS0


Similar Part No. - AT32UC3A1512-AUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A1512-AUT ATMEL-AT32UC3A1512-AUT Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A1512-AUT ATMEL-AT32UC3A1512-AUT Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A1512-AUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com