Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-400-E Datasheet(PDF) 10 Page - RF Micro Devices

Part # NBB-400-E
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-400-E Datasheet(HTML) 10 Page - RF Micro Devices

Back Button NBB-400-E Datasheet HTML 2Page - RF Micro Devices NBB-400-E Datasheet HTML 3Page - RF Micro Devices NBB-400-E Datasheet HTML 4Page - RF Micro Devices NBB-400-E Datasheet HTML 5Page - RF Micro Devices NBB-400-E Datasheet HTML 6Page - RF Micro Devices NBB-400-E Datasheet HTML 7Page - RF Micro Devices NBB-400-E Datasheet HTML 8Page - RF Micro Devices NBB-400-E Datasheet HTML 9Page - RF Micro Devices NBB-400-E Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-42
NBB-400
Rev A8 060124
Note: The s-parameter gain results shown below include device performance as well as evaluation board and connector
loss variations. The insertion losses of the evaluation board and connectors are as follows:
1GHz to 4GHz=-0.06dB
5GHz to 9GHz=-0.22dB
10GHz to 14GHz=-0.50dB
15GHz to 20GHz=-1.08dB
S11 versus Frequency, Over Temperature
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Frequency (GHz)
+25 C
-40 C
+85 C
S12 versus Frequency, Over Temperature
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Frequency (GHz)
+25 C
-40 C
+85 C
S21 versus Frequency, Over Temperature
0.0
5.0
10.0
15.0
20.0
25.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Frequency (GHz)
+25 C
-40 C
+85 C
S22 versus Frequency, Over Temperature
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Frequency (GHz)
+25 C
-40 C
+85 C


Similar Part No. - NBB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-400-E RFMD-NBB-400-E Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-E RFMD-NBB-400-E Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results

Similar Description - NBB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
RF Micro Devices
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com