Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP483IDT Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP483IDT
Description  T-1 3/4 (5mm) CYLINDRICAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP483IDT Datasheet(HTML) 2 Page - Kingbright Corporation

  WP483IDT Datasheet HTML 1Page - Kingbright Corporation WP483IDT Datasheet HTML 2Page - Kingbright Corporation WP483IDT Datasheet HTML 3Page - Kingbright Corporation WP483IDT Datasheet HTML 4Page - Kingbright Corporation WP483IDT Datasheet HTML 5Page - Kingbright Corporation WP483IDT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF2548
REV NO: V.2
DATE: MAY/21/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101004758
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP483IDT
High Efficiency Red (GaAsP/GaP)
RED DIFFUSED
1.8
5
100
°
Iv (mcd) [2]
@ 10mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
2
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Similar Part No. - WP483IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP483IDT KINGBRIGHT-WP483IDT_15 Datasheet
320Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
More results

Similar Description - WP483IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP483SRSGW KINGBRIGHT-WP483SRSGW Datasheet
263Kb / 7P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483YDT KINGBRIGHT-WP483YDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT_15 Datasheet
321Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT_15 Datasheet
320Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483YDT KINGBRIGHT-WP483YDT_15 Datasheet
322Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483EDT KINGBRIGHT-WP483EDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483HDT KINGBRIGHT-WP483HDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT Datasheet
261Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
logo
List of Unclassifed Man...
L493IT ETC-L493IT Datasheet
143Kb / 5P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com