Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRBX6.8M400V12.5X20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRBX6.8M400V12.5X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBX6.8M400V12.5X20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRBX6.8M400V12.5X20F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
83
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Rated Voltage Range
160 ~ 450VDC
Capacitance Range
6.8 ~ 220µF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
@ 20°C
After 1 min.
0.04CV +100µA
After 5 min.
0.02CV +25µA
Max. Tan δ
W.V. (Vdc)
160
200
250
350
400
450
@120Hz/20°C
0.15
0.15
0.15
0.20
0.20
0.20
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
6
6
6
Load Life Test at Rated Voltage
@ 105°C
Duration
φ D = 10mm: 10,000 hours, φ D = 12.5>: 12,000 hours
∆ Capacitance
Within ±20% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
Miniature Aluminum Electrolytic Capacitors
NRBX Series
NRBX 100 M 350V 10X20 F .
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
PART NUMBER SYSTEM
Capacitance
(µF)
Code
Working Voltage (Vdc)
160
200
250
350
400
450
6.8
6R8
-
-
-
10x16
10x16
10x20
10
100
10x16
10x16
10x20
10x20
10x20
12.5x20
22
220
10x20
10x20
12.5x20 12.5x20
12.5x25
16x25
16x20
18x20
33
330
10x20
12.5x20 12.5x20
16x20
16x25
16x31.5
18x20
18x25
47
470
12.5x20 12.5x20
12.5x25
16x25
16x31.5
18x31.5
16x20
18x20
18x25
68
680
12.5x25 12.5x25
16x25
16x31.5
18x31.5
-
16x20
16x20
18x20
18x25
100
101
16x25
16x25
16x31.5
-
-
-
18x20
18x20
18x25
-
-
-
150
151
16x31.5 16x31.5
18x31.5
-
-
-
18x25
18x25
-
-
-
220
221
16x31.5
18x31.5
-
-
-
-
18x25
-
-
-
-
dφ ± 0.05
Insulation Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 12,000HRS @ 105°C)
• IDEAL FOR HIGH VOLTAGE LIGHTING BALLAST
Case Dia. (Dφ)
10
12.5
16
18
Lead Dia. (dφ)
0.6
0.6
0.8
0.8
Lead Spacing (F)
5.0
5.0
7.5
7.5
Dim. α
0.5
Dim. β
2.0
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
STANDARD PRODUCT AND CASE SIZE D φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Cap. (µF)
Working Voltage (Vdc)
160
200
250
350
400
450
6.8
-
-
-
220
220
150
10
250
250
280
280
280
320
22
500
500
600
350
430
560
33
500
600
600
500
640
700
47
660
660
720
660
840
880
68
760
760
920
850
1000
-
100
1120 1120 1200
-
-
-
150
1360 1360 1500
-
-
-
220
1400 1700
-
-
-
-
Frequency (Hz)
120
1K
10K
100K
Multiplier
0.50
0.80
0.90
1.00
CHARACTERISTICS
Cap. (µF)
Working Voltage (Vdc)
160
200
250
350
400
450
6.8
-
-
-
48.79 48.79 48.79
10
24.88 24.88 24.88 33.17 33.17 33.17
22
11.31 11.31 11.31 15.08 15.08 15.08
33
7.54
7.54
7.54 10.05 10.05 10.05
47
5.29
5.29
5.29
7.06
7.06
7.06
68
1.33
1.33
1.33
4.88
4.88
-
100
3.66
3.66
3.66
-
-
-
150
1.66
1.66
1.66
-
-
-
220
1.13
1.13
-
-
-
-
MAXIMUM ESR
(Ω AT 120Hz AND 20OC)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRBX6.8M400V12.5X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX680M160V125x25F NIC-NRBX680M160V125x25F Datasheet
90Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRBX680M160V16x20F NIC-NRBX680M160V16x20F Datasheet
90Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRBX680M200V125x25F NIC-NRBX680M200V125x25F Datasheet
90Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRBX680M200V16x20F NIC-NRBX680M200V16x20F Datasheet
90Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRBX680M250V16x25F NIC-NRBX680M250V16x25F Datasheet
90Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBX6.8M400V12.5X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com