Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHX23NQ10T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHX23NQ10T
Description  N-channel TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX23NQ10T Datasheet(HTML) 5 Page - NXP Semiconductors

  PHX23NQ10T Datasheet HTML 1Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 2Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 3Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 4Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 5Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 6Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 7Page - NXP Semiconductors PHX23NQ10T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHX23NQ10T
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0
10
20
30
40
50
02
46
8
10
VGS / V
ID / A
Tj / C = 25
150
Threshold Voltage, VGS(TO) (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-60 -40 -20
0
20 40 60 80 100 120 140 160
Junction Temperature, Tj (C)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Drain current, ID / (A)
Transconductance, gfs (S)
150 C
Tj = 25 C
Drain current, ID (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
minimum
typical
maximum
Normalised On-state Resistance.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-60 -40 -20
0
20
40
60
80 100 120 140 160
Junction temperature , Tj (C)
10
100
1000
10000
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
September 1999
5
Rev 1.000


Similar Part No. - PHX23NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX20N06T PHILIPS-PHX20N06T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-16 February 2004
PHX2N40E PHILIPS-PHX2N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N40E
November 1996 Rev 1.000
PHX2N50E PHILIPS-PHX2N50E Datasheet
77Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results

Similar Description - PHX23NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com