Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG71055DDCTG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REG71055DDCTG4
Description  60mA Switched-Cap BUCK/BOOST CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG71055DDCTG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button REG71055DDCTG4 Datasheet HTML 3Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 4Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 5Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 6Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 7Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 8Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 9Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 10Page - Burr-Brown (TI) REG71055DDCTG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
7
THEORY OF OPERATION
The REG710 regulated charge pump provides a regulated
output voltage for input voltages ranging from less than the
output to greater than the output. This is accomplished by au-
tomatic mode switching within the device. When the input
voltage is greater than the required output, the unit functions
as a variable frequency switch-mode regulator. This opera-
tion is shown in Figure 1. Transistors Q1 and Q3 are held off,
Q4 is on, and Q2 is switched as needed to maintain a regu-
lated output voltage.
OFF
SWITCHED
Step−Down (Buck) Mode
OFF
ON
C
PUMP
Q
1
Q
3
Q
2
Q
4
C
IN
C
OUT
V
OUT
V
IN
Figure 1. Simplified Schematic of the REG710
Operating in the Step-Down Mode
When the input voltage is less than the required output
voltage, the device switches to a step-up or boost mode of
operation, as shown in Figure 2.
A conversion clock of 50% duty cycle is generated. During
the first half cycle the FET switches are configured as
shown in Figure 2A, and CPUMP charges to VIN.
During the second half cycle the FET switched are config-
ured as shown in Figure 2B, and the voltage on CPUMP is
added to VIN. The output voltage is regulated by skipping
clock cycles as necessary.
PEAK CURRENT REDUCTION
In normal operation, the charging of the pump and output
capacitors usually leads to relatively high peak input cur-
rents which can be much higher than that of the average
load current. The regulator incorporates circuitry to limit
the input peak current, lowering the total EMI production of
the device and lowering output voltage ripple and input cur-
rent ripple. Input capacitor (CIN) supplies most of the
charge required by input current peaks.
PROTECTION
The regulator has thermal shutdown circuitry that protects
it from damage caused by overload conditions. The ther-
mal protection circuitry disables the output when the junc-
tion temperature reached approximately 160
°C, allowing
the device to cool. When the junction temperature cools to
approximately 140
°C, the output circuitry is automatically
reenabled. Continuously running the regulator into thermal
shutdown can degrade reliability. The regulator also pro-
vides current limit to protect itself and the load.
SHUTDOWN MODE
A control pin on the regulator can be used to place the de-
vice into an energy-saving shutdown mode. In this mode,
the output is disconnected from the input as long as VIN is
greater than or equal to minimum VIN and the input quies-
cent current is reduced to 1
µA maximum.
Step−Up (Boost) Mode
(A)
(B)
OFF
ON
ON
OFF
CPUMP
Q2
Q4
COUT
VOUT
CPUMP
Q2
Q4
COUT
V OUT
OFF
ON
Q1
Q3
ON
OFF
Q1
Q3
CIN
VIN
CIN
VIN
Figure 2. Simplified Schematic of the REG710 Operating in the Step-Up or Boost Mode


Similar Part No. - REG71055DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71055DDCTG4 TI1-REG71055DDCTG4 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71055DDCTG4 TI1-REG71055DDCTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
More results

Similar Description - REG71055DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com