Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG710 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG710
Description  60mA Switched-Cap BUCK/BOOST CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG710 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button REG710 Datasheet HTML 2Page - Burr-Brown (TI) REG710 Datasheet HTML 3Page - Burr-Brown (TI) REG710 Datasheet HTML 4Page - Burr-Brown (TI) REG710 Datasheet HTML 5Page - Burr-Brown (TI) REG710 Datasheet HTML 6Page - Burr-Brown (TI) REG710 Datasheet HTML 7Page - Burr-Brown (TI) REG710 Datasheet HTML 8Page - Burr-Brown (TI) REG710 Datasheet HTML 9Page - Burr-Brown (TI) REG710 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
6
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, VENABLE = 1.3V, unless otherwise noted.
OUTPUT RIPPLE VOLTAGE
20mV/div
C
OUT =2.2µF
C
OUT =10µF, CPUMP =1µF
20mV/div
Time (5
µs/div)
BW = 20MHz
REG710−3.3V
V
IN =2.4V
R
L =332Ω
SHORT−CIRCUIT LOAD CURRENT vs V
IN
V
IN (V)
250
225
200
175
150
125
100
75
50
25
0
2
2.5
3
3.5
4
4.5
5
5.5
1.5
OUTPUT RIPPLE VOLTAGE vs V
IN
(REG710−2.7V, 3.3V)
V
IN (V)
90
80
70
60
50
40
30
20
10
0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1
REG710−2.7
C
OUT =2.2µF
REG710−2.7
C
OUT =10µF
REG710−3.3
C
OUT =2.2µF
REG710−3.3
C
OUT =10µF
INPUT CURRENT AT TURN−ON
100mA/div
I
IN
V
OUT
2V/div
Time (50
µs/div)
BW = 20MHz
REG710−3.3V
V
IN =3.0V
I
O =30mA
OUTPUT RIPPLE VOLTAGE vs V
IN
(REG710−2.5V, 3V, 5V)
V
IN (V)
90
80
70
60
50
40
30
20
10
0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1
REG710−3
C
OUT =2.2µF
REG710−5
REG71050
C
OUT =10µF
REG710−5
REG71050
C
OUT =2.2µF
REG710−3
C
OUT =10µF
REG710−2.5
C
OUT =2.2µF
REG710−2.5, C
OUT =10µF


Similar Part No. - REG710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
REG710 TI-REG710 Datasheet
781Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
REG710 TI1-REG710 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
More results

Similar Description - REG710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com