Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC-P0603NPO105K16TRPLPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC-P0603NPO105K16TRPLPF
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-P0603NPO105K16TRPLPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC-P0603NPO105K16TRPLPF Datasheet HTML 1Page - NIC-Components Corp. NMC-P0603NPO105K16TRPLPF Datasheet HTML 2Page - NIC-Components Corp. NMC-P0603NPO105K16TRPLPF Datasheet HTML 3Page - NIC-Components Corp. NMC-P0603NPO105K16TRPLPF Datasheet HTML 4Page - NIC-Components Corp. NMC-P0603NPO105K16TRPLPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NMC-P Series
Multilayer Ceramic Chip Capacitors
Temperature Coefficient
NPO
X7R
Capacitance Range
2.2pF ~ 0.22
µF
180pF ~ 10
µF
Capacitance Tolerance
For 2.2pF ~ 10pF: ±0.1pF (B), ±0.25pF (C), ±0.5pF (D), ±1pF (F)
Above 10pF: ±1% (F), ±2% (G), ±5% (J), ±10% (K)
±10% (K) & ±20% (M)
Operating Temperature Range
-55°C ~ +125°C
Temperature Characteristics
±30ppm/°C
±15%
∆ Cap.
Rated Voltages
16Vdc, 25Vdc, 50Vdc, 100Vdc, 200Vdc, 250Vdc, 500Vdc, 630Vdc, 1KVdc, 2Kvdc, 3Kvdc & 5Kvdc
Q or Dissipation Factor
Q = > 1000 (more then 30pF)*
Q = > 400 + 20 x C in pF (30pF and below)*
2.5% max. @ 1KHz, 1.0V ± 0.2Vrms
insulation Resistance
10,000Megohm or 500Megohm/
µF whichever is less @ +25°C
Dielectric Withstanding Voltage
200% of rated voltage for 5 seconds, 50mA max. (16V ~ 250V)
150% of rated voltage for 5 seconds, 50mA max. (500V ~ 630V)
120% of rated voltage for 5 seconds, 50mA max. (1KV ~ 5KV)
FEATURES
• CRACK RESISTANT TERMINATION
• SOFT TERMINATION, OPEN MODE FAILURE
• WIDE VOLTAGE RANGE (16V TO 5KV)
• HIGH CAPACITANCE (UP TO 10
µF)
• RoHS COMPLIANT
• SAC SOLDER COMPATIBLE**
**Reflow soldering is recommended. Contact NIC regarding the use of other soldering methods.
Base layer (Cu 50V ~ 250V)
(Ag 500V ~ up)
Flexible layer (Polymer)
Barrier layer (Ni)
Finish layer (Sn)
Termination Separation
(Open Failure Mode)
CONSTRUCTION
OPEN MODE FAILURE AS A RESULT OF BENDING STRESS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
*Test Frequency & Voltage: Up to 100pF 1MHz/1.0Vrms, Above 100pF 1KHz/1.0Vrms
NMC-P 1206 X7R 105 K 50 TRP or TRPLP F
RoHS Compliant
Tape & Reel (Plastic Carrier)
Tape & Reel (Paper Carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros
Temperature Characteristic (NPO or X7R)
Size Code (see chart)
Series
PART NUMBER SYSTEM
NMC-P rev. 1 05302007


Similar Part No. - NMC-P0603NPO105K16TRPLPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-P1206X7R105K50TRP NIC-NMC-P1206X7R105K50TRP Datasheet
148Kb / 5P
   Multilayer Ceramic Chip Capacitors
NMC-P NIC-NMC-P_14 Datasheet
148Kb / 5P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-P0603NPO105K16TRPLPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com