Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHC-H1808NPO12J5KVX1Y2 Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NHC-H1808NPO12J5KVX1Y2
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NHC-H1808NPO12J5KVX1Y2 Datasheet(HTML) 2 Page - NIC-Components Corp.

  NHC-H1808NPO12J5KVX1Y2 Datasheet HTML 1Page - NIC-Components Corp. NHC-H1808NPO12J5KVX1Y2 Datasheet HTML 2Page - NIC-Components Corp. NHC-H1808NPO12J5KVX1Y2 Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
28
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
FEATURES
• UL &TUV X2/Y3 SAFETY CAPACITORS
• NPO AND X7R DIELECTRICS
• FOR ACROSS THE LINE AND LINE BYPASS
AVAILABLE VALUES AND
THICKNESS DIMENSIONS (T in mm)
SAFETY APPROVALS
NMC-H 1808 NPO 330 J 3KV X2Y3 TRPLP F
Pb-free/RoHS Compliant
Tape & Reel (Plastic carrier)
Safety Classification
Voltage (Vdc)
Capacitance Tolerance Code: J=5%, K=10%
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic: NPO or X7R (see specifications table)
Size Code (see chart)
Series
PART NUMBER SYSTEM
Multilayer Ceramic Chip Capacitors
NMC-H Series
CERTIFICATE
CERTIFICATE
CASE DIMENSIONS (mm)
EIA Code
L
W
P
G
1808
4.8 ± 0.30
2.0 ± 0.30
0.30 min.
3.2 min.
QUANTITY PER REEL (T)
Part
Thickness
Quantity
1.6 ± 0.2
2,000
2.0 ± 0.2
1,000
SPECIFICATIONS
NPO
X7R
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +125°C
Temperature Characteristics
C<10pF ±150ppm
C>10pF ±30ppm
±15% with 0 VDC Applied
Dissipation Factor
0.3% max. @ 1MHz for <1000pF
0.1% max. @ 1KHz for >1000pF
±2.5% max. @ 1KHz
1.0Vrms and 25°C
Insulation Resistance
100,000Meg
Ω min. or
1,000Meg
Ω/µF whichever is less
(+25°C after 1 minute at 500VDC)
100,000Meg
Ω or
500Meg
Ω/µF whichever is less
(+25°C after 1 minute at 500VDC)
Capacitance Range
5pF ~ 330pF
150pF ~ 1,500pF
Capacitance Tolerance
±5% (J)
±10% (K)
±10% (K)
Rated Voltage
3KVdc/250Vac
Load Life
Load Life 1,000 hours at 125°C
(X2 @ 312.5Vac, Y3 @ 425Vac)
No visible damage after 24 ± 2 hours
∆C/C ±10% or 1pF, whichever is greater,
DF < 200%, IR > 1,000Meg
No visible damage after 48 ± 4 hours
∆C/C ±15%, DF < 7%, IR > 2,000MegΩ
Dielectric Withstanding Voltage
X = 1,075Vac
Y = 1,500Vac
for 1 minute; 50mA max.
Capacitance
Value
NPO
X7R
5pF
1.60 ± 0.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
1.60 ± 0.2
180
2.00 ± 0.2
220
270
330
470
560
680
820
2.00 ± 0.2
0.001
µF
0.0012
0.0015
Agency
Standard
UL
1414
TUV
EN132400
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NHC-H1808NPO12J5KVX1Y2

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NHC-14157 BUD-NHC-14157 Datasheet
81Kb / 1P
   VALU/LINE SERIES CABINET
11-1-07
More results

Similar Description - NHC-H1808NPO12J5KVX1Y2

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com