Part Name
         Description
MA4EXP950H1-1277T

 Silicon Double Balanced HMIC Mixer 850 - 1050 MHz ( 4 Page)


MACOM
100% 
Zoom Out Zoom In
   
 3 page
background image
Silicon Double Balanced HMIC
Mixer 850 - 1050 MHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
MA4EXP950H1-1277T
RoHS
Compliant
Typical Performance Curves (LO Drive = +17 dBm, RF = -10 dBm, IF = 60 MHz)
IF VSWR
Input IP3 and 1 dB Compression Point
Isolation
Conversion Loss
RF VSWR
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
850
900
950
1000
1050
Frequency (MHz)
PLO = 17 dBm
PLO = 19 dBm
-70
-60
-50
-40
-30
-20
-10
0
850
900
950
1000
1050
Frequency (MHz)
R- I
L- I
L- R
1.0
1.5
2.0
2.5
3.0
3.5
850
875
900
925
950
975
1000
1025
1050
F re que nc y ( M H z)
R -Port
L-Port
1.0
1.5
2.0
2.5
3.0
3.5
50
100
150
200
250
300
350
400
450
500
Frequency (MHz)
0
5
10
15
20
25
30
35
40
850
900
950
1000
1050
Frequency (MHz)
PLO=17dBm
PLO=19dBm
Typical 1dBCompression



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MA4EXP190H1-1277Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz 1 2 3 4 5 MoreTyco Electronics
MA4EXP190H-1225Silicon Double Balanced HMIC Mixer 2000 - 2300 MHz 1 2 3 4 Tyco Electronics
MA4EXP240L-1277Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz 1 2 3 4 5 MoreTyco Electronics
MA4EX190H1-1225TSilicon Double Balanced HMIC Mixer 1700 - 2300 MHz 1 2 3 Tyco Electronics
MA4EX240H-1225T_1Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz 1 2 3 4 Tyco Electronics
MA4EX240L1-1225TSilicon Double Balanced HMIC Mixer 1700 - 2500 MHz 1 2 3 Tyco Electronics
MA4EX600H-1225TSilicon MMIC Double Balanced HMIC Mixer 4200 - 6000 MHz 1 2 3 4 Tyco Electronics
MA4EX600L1-1225TSilicon Double Balanced HMIC Mixer 4200 - 6000 MHz 1 2 3 Tyco Electronics
MA4EX900L-1226TSilicon Double Balanced HMIC Mixer 700 - 1000 MHz 1 2 3 4 Tyco Electronics
MA4EX900L-MOTSilicon Double Balanced HMIC Mixer 700 - 1000 MHz 1 2 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl