Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP400H-1277T Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA4EXP400H-1277T
Description  Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EXP400H-1277T Datasheet(HTML) 5 Page - Tyco Electronics

  MA4EXP400H-1277T Datasheet HTML 1Page - Tyco Electronics MA4EXP400H-1277T Datasheet HTML 2Page - Tyco Electronics MA4EXP400H-1277T Datasheet HTML 3Page - Tyco Electronics MA4EXP400H-1277T Datasheet HTML 4Page - Tyco Electronics MA4EXP400H-1277T Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
MA4EXP400H-1277T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
5
MA4EXP400H-1277T Outline - 3mm FQFP-N 16 Lead Saw Singulated
Ordering Information
Part Number
Package
MA4EXP400H-1277T
Tape and Reel


Similar Part No. - MA4EXP400H-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
MA4EXP190H-1225T MACOM-MA4EXP190H-1225T Datasheet
104Kb / 4P
   Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
MA4EXP190H-1277 MACOM-MA4EXP190H-1277 Datasheet
162Kb / 6P
   Silicon Double Balanced HMICTM Mixer, 1725 - 2125 MHz
MA4EXP190H-1277T MACOM-MA4EXP190H-1277T Datasheet
162Kb / 6P
   Silicon Double Balanced HMICTM Mixer, 1725 - 2125 MHz
logo
M/A-COM Technology Solu...
MA4EXP190H-1277T MA-COM-MA4EXP190H-1277T Datasheet
85Kb / 6P
   Silicon Double Balanced HMIC Mixer 1700 - 2200 MHz
More results

Similar Description - MA4EXP400H-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX370M-1225 MACOM-MA4EX370M-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
MA4EX180M-1225T MACOM-MA4EX180M-1225T_1 Datasheet
222Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T_1 Datasheet
145Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950H-1225 MACOM-MA4EX950H-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX600M-1225T MACOM-MA4EX600M-1225T Datasheet
163Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 4200 - 6000 MHz
MA4EX180M-1225 MACOM-MA4EX180M-1225 Datasheet
134Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX240M-1225 MACOM-MA4EX240M-1225 Datasheet
133Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MA4EX190H-1225T MA-COM-MA4EX190H-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com